Electronic Components Datasheet Search
  English  ▼

X  

DAC6311 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311
Description  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6311 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC6311 Datasheet HTML 33Page - Texas Instruments DAC6311 Datasheet HTML 34Page - Texas Instruments DAC6311 Datasheet HTML 35Page - Texas Instruments DAC6311 Datasheet HTML 36Page - Texas Instruments DAC6311 Datasheet HTML 37Page - Texas Instruments DAC6311 Datasheet HTML 38Page - Texas Instruments DAC6311 Datasheet HTML 39Page - Texas Instruments DAC6311 Datasheet HTML 40Page - Texas Instruments DAC6311 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
DAC5311IDCKR
SC70
DCK
6
3000
184.0
184.0
50.0
DAC5311IDCKT
SC70
DCK
6
250
184.0
184.0
50.0
DAC6311IDCKR
SC70
DCK
6
3000
184.0
184.0
50.0
DAC6311IDCKT
SC70
DCK
6
250
184.0
184.0
50.0
DAC7311IDCKR
SC70
DCK
6
3000
184.0
184.0
50.0
DAC7311IDCKT
SC70
DCK
6
250
184.0
184.0
50.0
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Sep-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com