Electronic Components Datasheet Search
  English  ▼

X  

DAC6311 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311
Description  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6311 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC6311 Datasheet HTML 5Page - Texas Instruments DAC6311 Datasheet HTML 6Page - Texas Instruments DAC6311 Datasheet HTML 7Page - Texas Instruments DAC6311 Datasheet HTML 8Page - Texas Instruments DAC6311 Datasheet HTML 9Page - Texas Instruments DAC6311 Datasheet HTML 10Page - Texas Instruments DAC6311 Datasheet HTML 11Page - Texas Instruments DAC6311 Datasheet HTML 12Page - Texas Instruments DAC6311 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
5.5
5.0
4.5
4.0
3.5
3.0
2.5
10
8
6
4
2
0
I
(mA)
SOURCE
AV
=5V
DD
DACLoadedwithFFFh
0.6
0.4
0.2
0
10
8
6
4
2
0
I
(mA)
SINK
AV
=5V
DD
DACLoadedwith000h
120
100
80
60
4096
512
1024
1536
2048
2560
3072
3584
0
DigitalInputCode
AV
=5.5V
DD
2000
1500
1000
500
0
5.0
4.0
3.0
2.0
1.0
0
4.5
3.5
2.5
1.5
0.5
V
(V)
LOGIC
SYNCInput(allotherdigitalinputs=GND)
Sweepfrom
0Vto5.5V
Sweepfrom
5.5Vto0V
140
130
120
110
100
125
-
40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
1.6
1.2
0.8
0.4
0
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
DD =5V
DAC5311
DAC6311
DAC7311
www.ti.com ................................................................................................................................................................................................ SBAS442 – AUGUST 2008
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with midscale code, unless otherwise noted.
SOURCE CURRENT
SINK CURRENT
AT POSITIVE RAIL
AT NEGATIVE RAIL
Figure 13.
Figure 14.
POWER-SUPPLY CURRENT
POWER-SUPPLY CURRENT
vs DIGITAL INPUT CODE
vs LOGIC INPUT VOLTAGE
Figure 15.
Figure 16.
POWER-SUPPLY CURRENT
POWER-DOWN CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 17.
Figure 18.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC5311 DAC6311 DAC7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com