Electronic Components Datasheet Search
  English  ▼

X  

DAC6311 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311
Description  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6311 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC6311 Datasheet HTML 9Page - Texas Instruments DAC6311 Datasheet HTML 10Page - Texas Instruments DAC6311 Datasheet HTML 11Page - Texas Instruments DAC6311 Datasheet HTML 12Page - Texas Instruments DAC6311 Datasheet HTML 13Page - Texas Instruments DAC6311 Datasheet HTML 14Page - Texas Instruments DAC6311 Datasheet HTML 15Page - Texas Instruments DAC6311 Datasheet HTML 16Page - Texas Instruments DAC6311 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
120
110
100
90
80
70
5.500
2.725
3.650
4.575
1.800
AV
(V)
DD
AV
=1.8Vto5.5V
DD
0.4
0.3
0.2
0.1
0
5.500
2.725
3.650
4.575
1.800
AV
(V)
DD
AV
=1.8Vto5.5V
DD
I
(mA)
DD
50
45
40
35
30
25
20
15
10
5
0
AV
=5.5V
DD
DAC5311
DAC6311
DAC7311
www.ti.com ................................................................................................................................................................................................ SBAS442 – AUGUST 2008
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with midscale code, unless otherwise noted.
POWER-SUPPLY CURRENT
POWER-DOWN CURRENT
vs POWER-SUPPLY VOLTAGE
vs POWER-SUPPLY VOLTAGE
Figure 35.
Figure 36.
POWER-SUPPLY CURRENT
HISTOGRAM
Figure 37.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC5311 DAC6311 DAC7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com