Electronic Components Datasheet Search
  English  ▼

X  

ATA5425-PLSW Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 90Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 91Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 94Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 95Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 96Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 97Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
94
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
16.2
PWR_ON high to
positive edge on pin
IRQ (see Figure 7-4 on
page 46)
Every mode except OFF
mode
29, 40
T
PWR_ON_IRQ_2
2
×
TDCLK
µs
A
16.3
Tn low to positive edge
on pin IRQ (see Figure
7-2 on page 44)
From OFF mode to IDLE
mode, applications
according to Figure 2-1
on page 7, Figure 2.2 on
page 8 and Figure 2-3
on page 9
XTAL:
C
m < 14 fF (typ 5 fF)
C0 < 2.2 pF (typ 1.8 pF)
R
m ≤ 120Ω (typ 15Ω)
1 Li battery application
(3V)
C
1 = C2 = 68 nF
C3 = C4 = 68 nF
C
5 = 10 nF
2 Li battery application
(6V)
C
1 = C4 = 68 nF
C2 = C3 = 2.2 µF
C
5 = 10 nF
Base-station Application
(5V)
C1 = C3 = C4 = 68 nF
C2 = C12 = 2.2 µF
C
5 = 10 nF
29, 41,
42, 43,
44, 45
T
Tn_IRQ
0.3
0.45
0.45
0.8
1.3
1.3
ms
ms
ms
B
16.4
Push button debounce
time
Every mode except OFF
mode
29, 41,
42, 43,
44, 45
TDebounce
8195
× T
DCLK
8195
× T
DCLK
µs
A
16. Digital Timing Characteristics (Continued)
All parameters refer to GND and are valid for Tamb =25°C. VVS1 =VS2 = 3.0V (1 Li battery application (3V)), VVS2 = 6.0V (2 Li battery
application (6V)) and VVS2 =5.0V (Base-station Application(5V)) unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com