Electronic Components Datasheet Search
  English  ▼

X  

ATA5425-PLSW Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
24
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3.15
Matching Network in TX Mode
In TX mode the 20 mm long and 0.4 mm wide transmission line which is much shorter than
λ/4 is
approximately switched in parallel to the capacitor C
9 to GND. The antenna connection between
C
8 and C9 has an impedance of about 50Ω locking from the transmission line into the loop
antenna with pin RF_OUT, L
2, C10, C8 and C9 connected (using a C9 without the added 7.6 pF
as discussed later). The transmission line can be approximated with a 16 nH inductor in series
with a 1.5
Ω resistor, the closed switch can be approximated according to Table 3-10 on page 23
with the series connection of 1.6 nH and 5
Ω in this mode. To have a parallel resonant high
impedance circuit with little RF power going into it looking from the loop antenna into the trans-
mission line a capacitor of about 7.6 pF to GND is needed at the beginning of the transmission
line (this capacitor is later absorbed into C
9 which is then higher, as needed for 50Ω transforma-
tion). To keep the 50
Ω impedance in RX mode at the end of this transmission line, C
7 also has to
be about 7.6 pF. This reduces the TX power by about 0.5 dB at 433.92 MHz compared to the
case the where the LNA path is completely disconnected.
3.16
Matching Network in RX Mode
In RX mode the RF_OUT pin has a high impedance of about 7 k
Ω in parallel with 1.0 pF at
433.92 MHz as can be seen in Table 3-11. This, together with the losses of the inductor L
2 with
120 nH and Q
L2 = 25, gives about 3.7 kΩ loss impedance at RF_OUT. Since the optimum load
impedance in TX mode for the power amplifier at RF_OUT is 890
Ω the loss associated with the
inductor L
2 and the RF_OUT pin can be estimated to be 10 × log(1 + 890/3700) = 0.95 dB com-
pared to the optimum matched loop antenna without L
2 and RF_OUT. The switch represents, in
this mode at 433.92 MHz, approximately an inductor of 1.6 nH in series with the parallel connec-
tion of 2.5 pF and 2.0 k
Ω. Since the impedance level at pin RX_TX1 in RX mode is about 50Ω
this only negligibly dampens the received signal (by about 0.1 dB). When matching the LNA to
the loop antenna, the transmission line and the 7.6 pF part of C
9 have to be taken into account
when choosing the values of C
11 and L1 so that the impedance seen from the loop antenna into
the transmission line with the 7.6 pF capacitor connected is 50
Ω. Since the loop antenna in RX
mode is loaded by the LNA input impedance, the loaded Q of the loop antenna is lowered by
about a factor of 2 in RX mode; hence the antenna bandwidth is higher than in TX mode.
Note that if matching to 50
Ω, like in Figure 2.2 on page 8, a high Q wire-wound inductor with a
Q > 70 should be used for L
2 to minimize its contribution to RX losses that will otherwise be
dominant. The RX and TX losses will be in the range of 1.0 dB there.
Table 3-11.
Impedance RF_OUT Pin in RX Mode
Frequency
Z(RF_OUT)RX
RP//CP
315 MHz
36
Ω – j 502Ω
7k
Ω//1.0 pF
345 MHz
33
Ω – j 480Ω
7k
Ω//1.0 pF
433.92 MHz
19
Ω – j 366Ω
7k
Ω//1.0 pF
868.3 MHz
2.8
Ω – j 141Ω
7k
Ω//1.3 pF
915 MHz
2.6
Ω – j 135Ω
7k
Ω//1.3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com