Electronic Components Datasheet Search
  English  ▼

X  

ATR0622P Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR0622P
Description  GPS Baseband Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622P Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR0622P Datasheet HTML 10Page - ATMEL Corporation ATR0622P Datasheet HTML 11Page - ATMEL Corporation ATR0622P Datasheet HTML 12Page - ATMEL Corporation ATR0622P Datasheet HTML 13Page - ATMEL Corporation ATR0622P Datasheet HTML 14Page - ATMEL Corporation ATR0622P Datasheet HTML 15Page - ATMEL Corporation ATR0622P Datasheet HTML 16Page - ATMEL Corporation ATR0622P Datasheet HTML 17Page - ATMEL Corporation ATR0622P Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
4891G–GPS–08/08
ATR0622P
3.4
External Connections for a Working GPS System
Figure 3-2.
Example of an External Connection
ATR0601
ATR0622P
SIGH
SIGL
SC
PURF
PUXTO
SIGHI
SIGLO
CLK23
RF_ON
see Table 3-15
see Table 3-15
see Table 3-15
see Table 3-15
see Table 3-15
GND
NC
NC
NC
NC
NC
NC
(see Power Supply)
+3V
NC
USB_DM
USB_DP
P18
Optional
USART 2
Optional
USART 1
Optional
USB
P31
P21
VDDIO
VDD_USB
XT_OUT
XT_IN
P22
P20
P8
NRESET
P9
P12 - 17
VBAT
VBAT18
LDO_IN
LDOBAT_IN
VDD18
LDO_OUT
LDO_EN
NSHDN
GND
DBG_EN
TDO
NTRST
TDI
TCK
TMS
P23 - 27
P19
P0 - 2
STATUS LED
TIMEPULSE
NSLEEP
see Table 3-15
P29 - 30
32.368 kHz
(see RTC)
NC: Not connected
(see Power Supply)
+3V
GND
+3V
(see Power Supply)
+3V
(see Power Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com