Electronic Components Datasheet Search
  English  ▼

X  

ATR0622P Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATR0622P
Description  GPS Baseband Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622P Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATR0622P Datasheet HTML 15Page - ATMEL Corporation ATR0622P Datasheet HTML 16Page - ATMEL Corporation ATR0622P Datasheet HTML 17Page - ATMEL Corporation ATR0622P Datasheet HTML 18Page - ATMEL Corporation ATR0622P Datasheet HTML 19Page - ATMEL Corporation ATR0622P Datasheet HTML 20Page - ATMEL Corporation ATR0622P Datasheet HTML 21Page - ATMEL Corporation ATR0622P Datasheet HTML 22Page - ATMEL Corporation ATR0622P Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
4891G–GPS–08/08
ATR0622P
The USB Transceiver is disabled if VDD_USB < 2.0V. In this case the pins USB_DM and
USB_DP are connected to GND (internal pull-down resistors). The USB Transceiver is enabled
if VDD_USB within 3.0V and 3.6V.
Figure 4-3.
External Wiring Example Using Internal LDOs, USB Supply Voltage and Backup Power Supply
ATR0622P internal
USB-VSB 5V
VDDUSB
1.5V to 3.6V
1 µF
(X7R)
ldoout
ldoen
ldoin
LDO18
LDO_IN
1 µF
(X7R)
VDDIO
LDO_EN
NSHDN
VDD18
External
LDO 3.3V
LDO_OUT
USB SM and
Transceiver
1.8V to 3.3V
variable IO Domain
RTC
Backup Memory
Core
vbat18
vbat
vdd
ldobat_in
LDOBAT
LDOBAT_IN
VBAT
VBAT18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com