Electronic Components Datasheet Search
  English  ▼

X  

ATR0622P Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATR0622P
Description  GPS Baseband Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622P Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATR0622P Datasheet HTML 19Page - ATMEL Corporation ATR0622P Datasheet HTML 20Page - ATMEL Corporation ATR0622P Datasheet HTML 21Page - ATMEL Corporation ATR0622P Datasheet HTML 22Page - ATMEL Corporation ATR0622P Datasheet HTML 23Page - ATMEL Corporation ATR0622P Datasheet HTML 24Page - ATMEL Corporation ATR0622P Datasheet HTML 25Page - ATMEL Corporation ATR0622P Datasheet HTML 26Page - ATMEL Corporation ATR0622P Datasheet HTML 27Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
4891G–GPS–08/08
ATR0622P
9.
Power Consumption
10. ESD Sensitivity
The ATR0622P is an ESD sensitive device.
Observe precautions for handling.
11. LDO18
The LDO18 is a built in low dropout voltage regulator which can be used if the host system does
not provide the core voltage VDD18.
For well-defined start up of LDO18, LDO_IN needs to be connected to LDOBAT_IN.
Table 9-1.
Core Power Consumption
Mode
Conditions
Typ.
Unit
Type*
Sleep
At 1.8V, no CLK23
0.065
mA
C
Shutdown
RTC, backup SRAM and LDOBAT
0.007
C
Normal
Satellite acquisition
25
C
Normal tracking on 6 channels with 1 fix/s; each
additional active tracking channel adds 0.5 mA
14
C
All channels disabled
11
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design
parameter
Table 10-1.
ESD- Sensitivity
Test Model
Max.
Unit
Human Body Model (HBM)
TBD
V
Table 11-1.
Electrical Characteristics of LDO18
Parameter
Conditions
Min.
Typ.
Max.
Unit
Type*
Supply voltage LDO_IN
2.3
3.6
V
D
Output voltage
(LDO_OUT)
1.65
1.8
1.95
V
A
Output current
(LDO_OUT)
30
mA
A
Current consumption
After startup, no load, at room
temperature
80
µA
A
Current consumption
Standby mode (LDO_EN = 0), at
room temperature
15
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design
parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com