Electronic Components Datasheet Search
  English  ▼

X  

SC811 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC811
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC811 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC811 Datasheet HTML 7Page - Semtech Corporation SC811 Datasheet HTML 8Page - Semtech Corporation SC811 Datasheet HTML 9Page - Semtech Corporation SC811 Datasheet HTML 10Page - Semtech Corporation SC811 Datasheet HTML 11Page - Semtech Corporation SC811 Datasheet HTML 12Page - Semtech Corporation SC811 Datasheet HTML 13Page - Semtech Corporation SC811 Datasheet HTML 14Page - Semtech Corporation SC811 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
11
Block Diagram
CC
CV
Mode Selection Logic
Ad/USB select
STATB
IPRGM
GND
BAT
IPUSB
VCV = 4.2V
VIREF
VIN
MODE
V_Adapter
or V_USB
1
2
4
5
3
To
System
Load
Lithium-
Ion
Single
Cell
Battery
Pack
RIPRGM
RIPUSB
6
7
VVUSB_UV_LIM = 4.575V
Precharg, CC/CV
& Termination
Controller, Logical
State Machine
CC
Feedback
Selection
(USB
only)
Termination
ENB
8
VTIPRGM_TERM
Tri-level
Control
VTENB_HIGH = ~1.50V
VTENB_LOW = ~0.55
1V
Tri-level
Control
VTMODE_HIGH = ~1.50V
VTMODE_LOW = ~0.55
1V
Thermal
Limiting
Die
Temperature
VT_CT
Regulated
System
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com