Electronic Components Datasheet Search
  English  ▼

X  

SC811 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC811
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC811 Datasheet(HTML) 3 Page - Semtech Corporation

  SC811 Datasheet HTML 1Page - Semtech Corporation SC811 Datasheet HTML 2Page - Semtech Corporation SC811 Datasheet HTML 3Page - Semtech Corporation SC811 Datasheet HTML 4Page - Semtech Corporation SC811 Datasheet HTML 5Page - Semtech Corporation SC811 Datasheet HTML 6Page - Semtech Corporation SC811 Datasheet HTML 7Page - Semtech Corporation SC811 Datasheet HTML 8Page - Semtech Corporation SC811 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
This is the input voltage at which the charger is guaranteed to begin operation. Maximum operating voltage is the maximum Vsupply as
defined in EIA/JEDEC Standard No. 78, paragraph 2.11.
(3)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30.0
BAT, IPRGM, IPUSB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
STATB, ENB, MODE (V) . . . . . . . . . . . . . . . . . . . -0.3 to V
BAT
+ 0.3
VIN Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5
Total Power Dissipation (W) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
BAT, IPRGM, IPUSB Short to GND Duration . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Ambient Temperature (°C) . . . . . . . . . -40 to +85
SC811:
VIN Adapter Mode Operating Voltage(2) (V). . . 4.60 to 8.20
VIN USB Modes Operating Voltage(2) (V). . . . . . 4.35 to 8.20
SC813:
VIN Adapter Mode Operating Voltage(2) (V). . . 4.60 to 5.60
VIN USB Modes Operating Voltage(2) (V). . . . . . 4.35 to 5.60
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . . 68
Junction Temperature Range (°C) . . . . . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (°C) . . . . . . . . . . . . . . . . . . . +260
Test Conditions: V
VIN
= 4.75V to 5.25V; V
BAT
= 3.7V; Typ values at 25°C; Min and Max at -40°C < T
A
< 85°C, unless specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VIN Adapter Mode Rising Threshold
VT
ADUVLO-R
4.30
4.45
4.60
V
VIN Adapter Mode Falling Threshold (1)
VT
ADUVLO-F
V
VIN
> V
BAT
2.70
2.85
3.00
V
VIN USB Modes Rising Threshold
VT
USBUVLO-R
V
VIN
> V
BAT
4.20
4.35
V
VIN USB Modes Falling Threshold
VT
USBUVLO-F
V
VIN
> V
BAT
3.65
4.00
V
VIN USB Modes Hysteresis
VT
USBUVLO-H
VT
USBUVLOR
- VT
USBUVLOF
100
mV
VIN OVP Rising Threshold
VT
OVP-R
All modes, SC811
9.0
9.6
V
All modes, SC813
5.85
6.0
VIN OVP Falling Threshold
VT
OVP-F
All modes, SC811
8.2
8.8
V
All modes, SC813
5.6
5.75
VIN OVP Hysteresis
VT
OVP-H
VT
OVP-R
- VT
OVP-F
, all modes, SC811
50
200
mV
VT
OVP-R
- VT
OVP-F
, all modes, SC813
50
100
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com