Electronic Components Datasheet Search
  English  ▼

X  

SC811 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC811
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC811 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC811 Datasheet HTML 11Page - Semtech Corporation SC811 Datasheet HTML 12Page - Semtech Corporation SC811 Datasheet HTML 13Page - Semtech Corporation SC811 Datasheet HTML 14Page - Semtech Corporation SC811 Datasheet HTML 15Page - Semtech Corporation SC811 Datasheet HTML 16Page - Semtech Corporation SC811 Datasheet HTML 17Page - Semtech Corporation SC811 Datasheet HTML 18Page - Semtech Corporation SC811 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
15
Applications Information (continued)
the nominal termination current versus nominal R
IPRGM
resistance as the center plot and two theoretical limit plots
indicating maximum and minimum current vs. nominal
programming resistance. These plots are derived from
models of the expected worst-case contribution of error
sources depending on programmed current. The current
range includes the uncertainty due to a 1% tolerance
resistor. The dots on each plot indicate the currents
obtained with standard value 1% tolerance resistors.
Figures 3a and 3b show low and high resistance ranges,
respectively.
Tri-level Logical Input Pins
The MODE and ENB pins are tri-level logical inputs. They
are designed to interface to a processor GPIO port that is
powered from a peripheral supply voltage as low as 1.8V
or as high as a fully charged battery. While a connected
GPIO port is configured as an output, the processor writes
0 to select ENB or MODE low-range, and 1 to select high-
range. The GPIO port is configured as an input to select
mid-range.
These pins can also be permanently grounded to select
low-range or left unconnected to select mid-range for
fixed mode operation. The MODE pin can also be perma-
nently connected to a logical high voltage source, such as
BAT or a regulated peripheral supply voltage.
The equivalent circuit looking into these pins is a variable
resistance, minimum 15kΩ, to an approximately 1V source.
The input will float to mid range whenever the external
driver sinks or sources less than 5μA, a common worst-
case characteristic of a high impedance GPIO, or a weak
pull-up or pull-down GPIO, configured as an input. The
driving GPIO must be able to sink or source at least 75μA
to ensure a low or high state, respectively, although the
drive current is typically far less. (See the Electrical
Characteristics table.)
Mode Input
The MODE pin is a tri-level logical input. When driven high
(V
MODE
> Min V
IH
), the SC811/3 will operate in USB High
Power mode. If the MODE input voltage is within its speci-
fied mid range (Min V
IM
< V
ENB
< Max V
IM
), either by floating
(by reconfiguring its GPIO as an input) or by being exter-
nally forced, the SC811/3 will operate in USB Low Power
mode. When driven low (V
MODE
< Max V
IL
), the SC811/3 will
operate in adapter mode.
When there is no charging source present, when the
charger is disabled, or when operating in the monitor
state (described in a later section), the MODE pin enters a
high impedance state, suspending the tri-level functional-
ity. Upon re-charge or re-enabling the charger, the MODE
pin tri-level interface is reactivated.
Typically a processor GPIO port direction defaults to input
upon processor reset, or is high impedance when un-
powered. This is the ideal initial condition for driving the
MODE pin, since this will select USB Low Power mode,
Figure 3a — Termination Current Tolerance vs.
Programming Resistance, Low Resistance Range
22.5
33.5
44.5
55.5
66.5
7
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
R
IPRGM
(kΩ), R-tol = 1%
7
8
9
10
11121314
15161718
19202122
232425
26272829
0
5
10
15
20
25
30
35
R
IPRGM
(kΩ), R-tol = 1%
Figure 3b — Termination Current Tolerance vs.
Programming Resistance, High Resistance Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com