Electronic Components Datasheet Search
  English  ▼

X  

SC2620 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 10Page - Semtech Corporation SC2620 Datasheet HTML 11Page - Semtech Corporation SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation SC2620 Datasheet HTML 16Page - Semtech Corporation SC2620 Datasheet HTML 17Page - Semtech Corporation SC2620 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Applications Information
input power supply will be
β
ON
SW T
I
(the base charge of the
switch). The energy loss due to base charge per cycle is
β
ON
IN
SW
T
V
I
for a power loss of
β
≈
β
OUT
SW
IN
SW
V
I
V
DI
.
If D
BST is tied to the output, then the charge drawn from
the output capacitor will still be
β
ON
SW T
I
. The energy loss
due to base charge per cycle is
β
ON
OUT
SW
T
V
I
for a power
loss of
β
OUT
SW V
DI
.
Since V
OUT < VIN, DBST should always be tied to VOUT (if >2.5V)
to maximize efficiency. In general efficiency penalty
increases as D decreases.
Figure 7 summarizes various ways of bootstrapping the
SC2620. A fast switching PN diode (such as 1N4148 or
1N914) and a small (0.1µF – 0.47µF) ceramic capacitor
can be used. In Figure 7(a) the power switch is
bootstrapped from the output. This is the most efficient
configuration and it also results in the least voltage stress
at the BOOST pin. The maximum BOOST pin voltage is
about
OUT
IN V
V
+
. If the output is below 2.8V, then D
BST will
preferably be a small Schottky diode (such as BAT-54) to
maximize bootstrap voltage. A 0.33-0.47µF bootstrap
capacitor may be needed to reduce droop. Bench
measurement shows that using Schottky bootstrapping
diode has no noticeable efficiency benefit.
The SC2620 can also be bootstrapped from the input
(Figure 7(b)). This configuration is not as efficient as Figure
7(a). However this may be only option if the output voltage
is less than 2.5V and there is no other supply with voltage
higher than 2.5V. Voltage stress at the BOOST pin can be
somewhat higher than 2V
IN. The Zener diode in Figure 7(c)
reduces the maximum BOOST pin voltage. The BOOST pin
voltage should not exceed its absolute maximum rating of
42V.
Figures 7(d) and (e) show how to bootstrap the SC2620
from a second power supply V
S with voltage > 2.5V. VS in
Figure 7(d) can be the output of the other channel. Figures
1(a), 17(a) and 18(a) show this bootstrapping method. If
Channel 1 fails in these converters, Channel 2 will be shut
off (See Sequencing the Outputs). Proper bootstrapping
of Channel 2 therefore depends on the readiness of V
OUT1.
This may be a drawback in some applications. D
BST in Figure
7(e) prevents start up difficulty if V
IN comes up before VS.
Figure 8. Minimum Input Voltage Required to Start and to Maintain Bootstrap.(T
A = 25°C).
Minimum Starting and
Sustaining VIN vs Load Current
4.5
5.0
5.5
6.0
6.5
7.0
7.5
110
100
1000
Load Current (mA)
D
BST TIED
TO OUTPUT
D
BST TIED
TO INPUT
V
OUT = 5V
STARTING
SUSTAINING
MA729
(a)
(b)
Minimum Starting and
Sustaining VIN vs Load Current
3.5
4.0
4.5
5.0
5.5
0.1
1.0
10.0
100.0
1000.0
Load Current (mA)
D
BST TIED
TO OUTPUT
D
BST TIED
TO INPUT
V
OUT = 3.3V
STARTING
SUSTAINING
MA729



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com