Electronic Components Datasheet Search
  English  ▼

X  

SC2620 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 11Page - Semtech Corporation SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation SC2620 Datasheet HTML 16Page - Semtech Corporation SC2620 Datasheet HTML 17Page - Semtech Corporation SC2620 Datasheet HTML 18Page - Semtech Corporation SC2620 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Applications Information
Since the inductor current charges C
BST, the bootstrap
circuit requires some minimum load current to get going.
Figures 8(a) and 8(b) show the dependence of the
minimum input voltage required to properly bootstrap a
5V and a 3.3V converters on the load current. Once started
the bootstrap circuit is able to sustain itself down to zero
load.
Shutdown and Soft-Start
Each regulating channel of the SC2620 has its own soft-
start circuit. Pulling its soft-start pin below 0.8V with an
open-collector NPN or an open-drain NMOS transistor turns
off the corresponding regulator. The other regulator
continues to operate. With one channel turned off, the
internal bias circuit is kept alive. In the “Typical
Characteristics”, the soft-start pin current is plotted against
the soft-start voltage with V
IN = 5V. When one of the soft-
start pins is pulled low, 105µA flows out of that pin. Pulling
both soft-start pins below 0.2V shuts off the internal bias
circuit of the SC2620. The total V
IN current decreases to
40µA. In shutdown either SS pin sources only 2µA. A fast
charging circuit (enabled by the internal bias circuit), which
charges the soft-start capacitor below 1V, causes the
difference in the soft-start pin currents.
If either SS pin is released in shutdown, the internal current
source pulls up on the SS pin. When this SS voltage reaches
0.3V, the SC2620 turns on and the V
IN quiescent current
Figure 9(a). Normal Soft-start.
Fast
Charge
Output must be at
least 70% of its set
voltage in this
interval or the
regulator will
undergo shutdown
and restart (hiccup).
Hiccup
Enabled
0.3V
1V
0
2V
2.4V
Switching Starts
VSS
1V
0.7V
VFB
0
1V
1V
2V
0.3V
0
Switching
Not Switching
Switching
Not Switching
0
0.7V
1V
VFB
VSS
VCOMP
Figure 9(b).
Start-up Fails due to (i) Short Soft-start Duration or (ii) Output Overload or (iii)
Output Short-circuited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com