Electronic Components Datasheet Search
  English  ▼

X  

SC2620 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation SC2620 Datasheet HTML 16Page - Semtech Corporation SC2620 Datasheet HTML 17Page - Semtech Corporation SC2620 Datasheet HTML 18Page - Semtech Corporation SC2620 Datasheet HTML 19Page - Semtech Corporation SC2620 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Applications Information
increases to 3.3mA. The current flowing out of the other
SS pin (which is still pulled low) increases to 105µA. The
fast charging circuit quickly pulls the released soft-start
capacitor to 1V (slightly below the switching threshold).
The fast charging circuit is then disabled. A 1.8µA current
source continues to charge the soft-start capacitor (Figure
3). The soft-start voltage ramp at the SS pin clamps the
error amplifier output (Figure 2). During regulator start-
up, COMP voltage follows the SS voltage. The converter
starts to switch when its COMP voltage exceeds 1.1V. The
peak inductor current gradually increases until the
converter output comes into regulation. Proper soft-start
prevents output overshoot during start-up. Current drawn
from the input supply is also well controlled. Notice that
the inductor current, not the converter output voltage, is
ramped during soft-start.
Both soft-start capacitors are charged to a final voltage of
about 2.4V.
Overload / Short-Circuit Protection
Each current limit comparator in the SC2620 limits the
peak inductor current to 3.2A (typical). The regulator
output voltage will fall if the load is increased above the
current limit. If overload is detected (the output voltage
falls below 70% of the set voltage), then the regulator will
be shut off. An internal 0.8µA current sink starts to
discharge the soft-start capacitor. As the soft-start
capacitor is discharged below 1V, the discharge current
source turns off and the soft-start capacitor is recharged
with a 1.8µA current source. The regulator undergoes soft-
start. During soft-start (1V < V
SS < 2V), the overload
shutdown latch in Figure 3 cannot be set. When V
SS
exceeds 2V, the set input of the overload latch is no longer
blanked. If V
FB is still below 0.7V, then the regulator will
undergo shutdown and restart. The soft-start process
should allow the output voltage to reach 70% of its final
value before C
SS is charged above 2V. Figures 9(a) and
9(b) show the timing diagrams of successful and failed
start-up waveforms respectively. The soft-start interval
should also be made sufficiently long so that the output
voltage rises monotonically and it does not overshoot its
final voltage by more than 5%.
During normal soft-start, both the COMP voltage and the
switch current limit gradually increase until the converter
becomes regulated. If the regulator output is shorted to
CONTROL1
CONTROL2
(b)
ON
OFF
SC2620
PGOOD1
SS1
SS2
CSS1
CSS2
(a)
SC2620
PGOOD1
SS1
SS2
CSS1
CSS2
ON
OFF
CONTROL1
ON
OFF
CONTROL2
TD
M2
M1
Figure 10. Sequencing the Outputs by (a) Delaying Release of one Channel Relative to the
Other and (b) Using PGOOD1 to Control Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com