Electronic Components Datasheet Search
  English  ▼

X  

COP8SAB7SLB8 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB7SLB8 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button COP8SAB7SLB8 Datasheet HTML 21Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 22Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 23Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 24Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 25Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 26Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 27Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 28Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
8.0 Power Save Modes (Continued)
8.2 IDLE MODE
The device is placed in the IDLE mode by writing a “1” to the
IDLE flag (G6 data bit). In this mode, all activities, except the
associated on-board oscillator circuitry and the IDLE Timer
T0, are stopped.
As with the HALT mode, the device can be returned to
normal operation with a reset, or with a Multi-Input Wakeup
from the L Port. Alternately, the microcontroller resumes
normal operation from the IDLE mode when the twelfth bit
(representing 4.096 ms at internal clock frequency of
10 MHz, t
C = 1 µs) of the IDLE Timer toggles.
This toggle condition of the twelfth bit of the IDLE Timer T0 is
latched into the T0PND pending flag.
The user has the option of being interrupted with a transition
on the twelfth bit of the IDLE Timer T0. The interrupt can be
enabled or disabled via the T0EN control bit. Setting the
T0EN flag enables the interrupt and vice versa.
The user can enter the IDLE mode with the Timer T0 inter-
rupt enabled. In this case, when the T0PND bit gets set, the
device will first execute the Timer T0 interrupt service routine
and then return to the instruction following the “Enter Idle
Mode” instruction.
Alternatively, the user can enter the IDLE mode with the
IDLE Timer T0 interrupt disabled. In this case, the device will
resume normal operation with the instruction immediately
following the “Enter IDLE Mode” instruction.
Note: It is necessary to program two NOP instructions following both the set
HALT mode and set IDLE mode instructions. These NOP instructions
are necessary to allow clock resynchronization following the HALT or
IDLE modes.
DS012838-25
FIGURE 18. Wakeup from HALT
DS012838-26
FIGURE 19. Wakeup from IDLE
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com