Electronic Components Datasheet Search
  English  ▼

X  

COP8SAB7SLB8 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB7SLB8 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button COP8SAB7SLB8 Datasheet HTML 41Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 42Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 43Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 44Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 45Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 46Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 47Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 48Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
13.0 Instruction Set (Continued)
JSRL
Addr.
Jump SubRoutine Long
[SP]←PL, [SP−1]←PU,SP−2, PC←ii
JSR
Addr.
Jump SubRoutine
[SP]←PL, [SP−1]←PU,SP−2, PC9…0←i
JID
Jump InDirect
PL←ROM (PU,A)
RET
RETurn from subroutine
SP + 2, PL←[SP], PU←[SP−1]
RETSK
RETurn and SKip
SP + 2, PL←[SP],PU←[SP−1],
skip next instruction
RETI
RETurn from Interrupt
SP + 2, PL ←[SP],PU←[SP−1],GIE←1
INTR
Generate an Interrupt
[SP]←PL, [SP−1]←PU, SP−2, PC←0FF
NOP
No OPeration
PC←PC+1
13.7 INSTRUCTION EXECUTION TIME
Most instructions are single byte (with immediate addressing
mode instructions taking two bytes).
Most single byte instructions take one cycle time to execute.
Skipped instructions require x number of cycles to be
skipped, where x equals the number of bytes in the skipped
instruction opcode.
See the BYTES and CYCLES per INSTRUCTION table for
details.
Bytes and Cycles per Instruction
The following table shows the number of bytes and cycles for
each instruction in the format of byte/cycle.
Arithmetic and Logic Instructions
[B]
Direct
Immed.
ADD
1/1
3/4
2/2
ADC
1/1
3/4
2/2
SUBC
1/1
3/4
2/2
AND
1/1
3/4
2/2
OR
1/1
3/4
2/2
XOR
1/1
3/4
2/2
IFEQ
1/1
3/4
2/2
IFGT
1/1
3/4
2/2
IFBNE
1/1
DRSZ
1/3
SBIT
1/1
3/4
RBIT
1/1
3/4
IFBIT
1/1
3/4
RPND
1/1
Instructions Using A & C
CLRA
1/1
INCA
1/1
DECA
1/1
LAID
1/3
DCORA
1/1
RRCA
1/1
RLCA
1/1
SWAPA
1/1
SC
1/1
RC
1/1
IFC
1/1
IFNC
1/1
PUSHA
1/3
POPA
1/3
ANDSZ
2/2
Transfer of Control Instructions
JMPL
3/4
JMP
2/3
JP
1/3
JSRL
3/5
JSR
2/5
JID
1/3
VIS
1/5
RET
1/5
RETSK
1/5
RETI
1/5
INTR
1/7
NOP
1/1
www.national.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com