Electronic Components Datasheet Search
  English  ▼

X  

COP8SAB7SLB8 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB7SLB8 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button COP8SAB7SLB8 Datasheet HTML 44Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 45Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 46Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 47Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 48Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 49Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 50Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 51Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
14.0 Mask Options
For mask options information on COP8SAx5 devices, please
refer to Section 6.4 ECON (CONFIGURATION) REGISTER.
15.0 Development Tools Support
15.1 OVERVIEW
National is engaged with an international community of in-
dependent 3rd party vendors who provide hardware and
software development tool support. Through National’s inter-
action and guidance, these tools cooperate to form a choice
of solutions that fits each developer’s needs.
This section provides a summary of the tool and develop-
ment kits currently available. Up-to-date information, selec-
tion guides, free tools, demos, updates, and purchase infor-
mation
can
be
obtained
at
our
web
site
at:
www.national.com/cop8.
15.2 SUMMARY OF TOOLS
COP8 Evaluation Tools
•
COP8–NSEVAL: Free Software Evaluation package for
Windows. A fully integrated evaluation environment for
COP8, including versions of WCOP8 IDE (Integrated
Development
Environment),
COP8-NSASM,
COP8-
MLSIM, COP8C, DriveWay™ COP8, Manuals, and other
COP8 information.
•
COP8–MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
•
COP8–EPU: Very Low cost COP8 Evaluation & Pro-
gramming
Unit.
Windows
based
evaluation
and
hardware-simulation tool, with COP8 device programmer
and erasable samples. Includes COP8-NSDEV, Drive-
way COP8 Demo, MetaLink Debugger, I/O cables and
power supply.
•
COP8–EVAL-HIxx: Low cost target application evalua-
tion and development board for COP8Sx Families, from
Hilton Inc. Real-time environment with integrated A/D,
Temp Sensor, and Peripheral I/O.
•
COP8–EVAL-ICUxx: Very Low cost evaluation and de-
sign test board for COP8ACC and COP8SGx Families,
from ICU. Real-time environment with add-on A/D, D/A,
and EEPROM. Includes software routines and reference
designs.
•
Manuals, Applications Notes, Literature: Available free
from our web site at: www.national.com/cop8.
COP8 Integrated Software/Hardware Design Develop-
ment Kits
•
COP8-EPU: Very Low cost Evaluation & Programming
Unit. Windows based development and hardware-
simulation tool for COPSx/xG families, with COP8 device
programmer and samples. Includes COP8-NSDEV,
Driveway COP8 Demo, MetaLink Debugger, cables and
power supply.
•
COP8-DM: Moderate cost Debug Module from MetaLink.
A Windows based, real-time in-circuit emulation tool with
COP8 device programmer. Includes COP8-NSDEV,
DriveWay COP8 Demo, MetaLink Debugger, power sup-
ply, emulation cables and adapters.
COP8 Development Languages and Environments
•
COP8-NSASM: Free COP8 Assembler v5 for Win32.
Macro assembler, linker, and librarian for COP8 software
development. Supports all COP8 devices. (DOS/Win16
v4.10.2 available with limited support). (Compatible with
WCOP8 IDE, COP8C, and DriveWay COP8).
•
COP8-NSDEV: Very low cost Software Development
Package for Windows. An integrated development envi-
ronment for COP8, including WCOP8 IDE, COP8C (lim-
ited version), COP8-NSASM, COP8-MLSIM.
•
COP8C: Moderately priced C Cross-Compiler and Code
Development System from Byte Craft (no code limit).
Includes BCLIDE (Byte Craft Limited Integrated Develop-
ment Environment) for Win32, editor, optimizing C Cross-
Compiler, macro cross assembler, BC-Linker, and Met-
aLink tools support. (DOS/SUN versions available;
Compiler is installable under WCOP8 IDE; Compatible
with DriveWay COP8).
•
EWCOP8-KS: Very Low cost ANSI C-Compiler and Em-
bedded
Workbench
from
IAR
(Kickstart
version:
COP8Sx/Fx only with 2k code limit; No FP). A fully inte-
grated Win32 IDE, ANSI C-Compiler, macro assembler,
editor, linker, Liberian, C-Spy simulator/debugger, PLUS
MetaLink EPU/DM emulator support.
•
EWCOP8-AS: Moderately priced COP8 Assembler and
Embedded Workbench from IAR (no code limit). A fully
integrated Win32 IDE, macro assembler, editor, linker,
librarian, and C-Spy high-level simulator/debugger with
I/O and interrupts support. (Upgradeable with optional
C-Compiler and/or MetaLink Debugger/Emulator sup-
port).
•
EWCOP8-BL: Moderately priced ANSI C-Compiler and
Embedded Workbench from IAR (Baseline version: All
COP8 devices; 4k code limit; no FP). A fully integrated
Win32 IDE, ANSI C-Compiler, macro assembler, editor,
linker, librarian, and C-Spy high-level simulator/debugger.
(Upgradeable; CWCOP8-M MetaLink tools interface sup-
port optional).
•
EWCOP8: Full featured ANSI C-Compiler and Embed-
ded Workbench for Windows from IAR (no code limit). A
fully integrated Win32 IDE, ANSI C-Compiler, macro as-
sembler, editor, linker, librarian, and C-Spy high-level
simulator/debugger. (CWCOP8-M MetaLink tools inter-
face support optional).
•
EWCOP8-M: Full featured ANSI C-Compiler and Embed-
ded Workbench for Windows from IAR (no code limit). A
fully integrated Win32 IDE, ANSI C-Compiler, macro as-
sembler,
editor,
linker,
librarian,
C-Spy
high-level
simulator/debugger, PLUS MetaLink debugger/hardware
interface (CWCOP8-M).
COP8 Productivity Enhancement Tools
•
WCOP8 IDE: Very Low cost IDE (Integrated Develop-
ment Environment) from KKD. Supports COP8C, COP8-
NSASM, COP8-MLSIM, DriveWay COP8, and MetaLink
debugger under a common Windows Project Manage-
ment environment. Code development, debug, and emu-
lation tools can be launched from the project window
framework.
•
DriveWay-COP8: Low cost COP8 Peripherals Code
Generation tool from Aisys Corporation. Automatically
generates tested and documented C or Assembly source
code modules containing I/O drivers and interrupt han-
dlers for each on-chip peripheral. Application specific
code can be inserted for customization using the inte-
grated editor. (Compatible with COP8-NSASM, COP8C,
and WCOP8 IDE.)
www.national.com
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com