Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 280 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 459 page
background image
280
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
See Section 22.8, page 270 for more details.
• 3 - EORSTI - End Of Reset Interrupt Flag
Set by hardware when an “End Of Reset” has been detected by the USB controller. This triggers
an USB interrupt if EORSTE is set.
Shall be cleared by software. Setting by software has no effect.
• 2 - SOFI - Start Of Frame Interrupt Flag
Set by hardware when an USB “Start Of Frame” PID (SOF) has been detected (every 1 ms).
This triggers an USB interrupt if SOFE is set..
• 1 - Reserved
The value read from this bits is always 0. Do not set this bit
• 0 - SUSPI - Suspend Interrupt Flag
Set by hardware when an USB “Suspend” ‘idle bus for 3 frame periods: a J state for 3 ms) is
detected. This triggers an USB interrupt if SUSPE is set.
Shall be cleared by software. Setting by software has no effect.
See Section 22.8, page 270 for more details.
The interrupt bits are set even if their corresponding ‘Enable’ bits is not set.
• 7 - Reserved
The value read from this bits is always 0. Do not set this bit.
• 6 - UPRSME - Upstream Resume Interrupt Enable Bit
Set to enable the UPRSMI interrupt.
Clear to disable the UPRSMI interrupt.
• 5 - EORSME - End Of Resume Interrupt Enable Bit
Set to enable the EORSMI interrupt.
Clear to disable the EORSMI interrupt.
• 4 - WAKEUPE - Wake-up CPU Interrupt Enable Bit
Set to enable the WAKEUPI interrupt. For correct interrupt handle execution, this interrupt
should be enable only before entering power-down mode.
Clear to disable the WAKEUPI interrupt.
• 3 - EORSTE - End Of Reset Interrupt Enable Bit
Set to enable the EORSTI interrupt. This bit is set after a reset.
Clear to disable the EORSTI interrupt.
Bit
7
6
5
4
3
2
1
0
-
UPRSME
EORSME
WAKEUPE
EORSTE
SOFE
-
SUSPE
UDIEN
Read/Write
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com