Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 284 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 284 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 459 page
background image
284
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
00b: Control10b: Bulk
01b: Isochronous11b: Interrupt
• 5-4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-2 - Reserved for test purpose
The value read from these bits is always 0. Do not set these bits.
• 1 - Reserved
The value read from this bits is always 0. Do not set this bit.
• 0 - EPDIR - Endpoint Direction Bit
Set to configure an IN direction for bulk, interrupt or isochronous endpoints.
Clear to configure an OUT direction for bulk, interrupt, isochronous or control endpoints.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-4 - EPSIZE2:0 - Endpoint Size Bits
Set this bit according to the endpoint size:
000b: 8 bytes
100b: 128 bytes (only for endpoint 1)
001b: 16 bytes
101b: 256 bytes (only for endpoint 1)
010b: 32 bytes
110b: Reserved. Do not use this configuration.
011b: 64 bytes
111b: Reserved. Do not use this configuration.
• 3-2 - EPBK1:0 - Endpoint Bank Bits
Set this field according to the endpoint size:
00b: One bank
01b: Double bank
1xb: Reserved. Do not use this configuration.
• 1 - ALLOC - Endpoint Allocation Bit
Set this bit to allocate the endpoint memory.
Clear to free the endpoint memory.
See Section 22.6, page 268 for more details.
• 0 - Reserved
The value read from these bits is always 0. Do not set these bits.
Bit
7
6543
2
1
0
-
EPSIZE2:0
EPBK1:0
ALLOC
-
UECFG1X
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial Value
0
0000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com