Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 286 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 286 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 459 page
background image
286
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
01b
1 busy bank
10b
2 busy banks
11b
Reserved.
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2 - CTRLDIR - Control Direction (Flag, and bit for debug purpose)
Set by hardware after a SETUP packet, and gives the direction of the following packet:
- 1 for IN endpoint
- 0 for OUT endpoint.
Can not be set or cleared by software.
• 1-0 - CURRBK1:0 - Current Bank (all endpoints except Control endpoint) Flag
Set by hardware to indicate the number of the current bank:
00b
Bank0
01b
Bank1
1xb
Reserved.
Can not be set or cleared by software.
• 7 - FIFOCON - FIFO Control Bit
For OUT and SETUP Endpoint:
Set by hardware when a new OUT message is stored in the current bank, at the same time than
RXOUT or RXSTP.
Clear to free the current bank and to switch to the following bank. Setting by software has no
effect.
For IN Endpoint:
Set by hardware when the current bank is free, at the same time than TXIN.
Clear to send the FIFO data and to switch the bank. Setting by software has no effect.
• 6 - NAKINI - NAK IN Received Interrupt Flag
Bit
7
6
5
4
321
0
----
-
CTRLDIR
CURRBK1:0
UESTA1X
Read/Write
RRR
RR
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
43210
FIFOCON
NAKINI
RWAL
NAKOUTI
RXSTPI
RXOUTI
STALLEDI
TXINI
UEINTX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com