Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 289 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 459 page
background image
289
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - BYCT10:8 - Byte count (high) Bits
Set by hardware. This field is the MSB of the byte count of the FIFO endpoint. The LSB part is
provided by the UEBCLX register.
• 7-0 - BYCT7:0 - Byte Count (low) Bits
Set by the hardware. BYCT10:0 is:
- (for IN endpoint) increased after each writing into the endpoint and decremented after each
byte sent,
- (for OUT endpoint) increased after each byte sent by the host, and decremented after each
byte read by the software.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - EPINT6:0 - Endpoint Interrupts Bits
Set by hardware when an interrupt is triggered by the UEINTX register and if the corresponding
endpoint interrupt enable bit is set.
Cleared by hardware when the interrupt source is served.
Bit
7
654
3
2
1
0
-
-
-
-
-
BYCT D10 BYCT D9
BYCT D8
UEBCHX
Read/Write
RR
RR
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
BYCT D7
BYCT D6
BYCT D5
BYCT D4
BYCT D3
BYCT D2
BYCT D1
BYCT D0
UEBCLX
Read/Write
RR
RR
RR
RR
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
-
EPINT D6
EPINT D5
EPINT D4
EPINT D3
EPINT D2
EPINT D1
EPINT D0
UEINT
Read/Write
R
R
RR
RR
RR
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com