Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 292 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 459 page
background image
292
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Figure 23-3. Pipe activation flow:
Once the Pipe is activated (EPEN set) and, the hardware is ready to send requests to the
Device.
When configured (CFGOK = 1), only the Pipe Token (PTOKEN) and the polling interval for Inter-
rupt pipe can be modified.
A Control type pipe supports only 1 bank. Any other value will lead to a configuration error
(CFGOK = 0).
A clear of PEN will reset the configuration of the Pipe. All the corresponding Pipe registers are
reset to there reset values. Please refers to the Memory Management chapter for more details.
Note: The firmware has to configure the Default Control Pipe with the following parameters:
• Type: Control
• Token: SETUP
• Data bank: 1
• Size: 64 Bytes
The firmware asks for 8 bytes of the Device Descriptor sending a GET_DESCRIPTOR request.
These bytes contains the MaxPacketSize of the Device default control endpoint and the firm-
ware re-configures the size of the Default Control Pipe with this size parameter.
Pipe
Activ ation
UPCONX
PENABLE=1
UPCFG0X
PTYPE
PT OKEN
PEPNUM
CFGOK=1
ERROR
No
Yes
UPCFG2X
INT FRQ
(interruptonly)
Pipeactiv ated
and f reezed
UPCFG1X
PSIZE
PBK
CFGMEM
Enablethepipe
SelectthePipetype:
*Type(Control,Bulk,Interrupt)
*Token(IN,OUT ,SET UP)
*Endpointnumber
ConfigurethePipememory:
*Pipesize
*Numberofbanks
Configurethepollinginterval
forInterruptpipe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com