Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 285 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 459 page
background image
285
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 7 - CFGOK - Configuration Status Flag
Set by hardware when the endpoint X size parameter (EPSIZE) and the bank parametrization
(EPBK) are correct compared to the max FIFO capacity and the max number of allowed bank.
This bit is updated when the bit ALLOC is set.
If this bit is cleared, the user should reprogram the UECFG1X register with correct EPSIZE and
EPBK values.
• 6 - OVERFI - Overflow Error Interrupt Flag
Set by hardware when an overflow error occurs in an isochronous endpoint. An interrupt
(EPINTx) is triggered (if enabled).
See Section 22.15, page 276 for more details.
Shall be cleared by software. Setting by software has no effect.
• 5 - UNDERFI - Flow Error Interrupt Flag
Set by hardware when an underflow error occurs in an isochronous endpoint. An interrupt
(EPINTx) is triggered (if enabled).
See Section 22.15, page 276 for more details.
Shall be cleared by software. Setting by software has no effect.
• 4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-2 - DTSEQ1:0 - Data Toggle Sequencing Flag
Set by hardware to indicate the PID data of the current bank:
00b
Data0
01b
Data1
1xb
Reserved.
For OUT transfer, this value indicates the last data toggle received on the current bank.
For IN transfer, it indicates the Toggle that will be used for the next packet to be sent. This is not
relative to the current bank.
• 1-0 - NBUSYBK1:0 - Busy Bank Flag
Set by hardware to indicate the number of busy bank.
For IN endpoint, it indicates the number of busy bank(s), filled by the user, ready for IN transfer.
For OUT endpoint, it indicates the number of busy bank(s) filled by OUT transaction from the
host.
00b
All banks are free
Bit
7654
3
2
1
0
CFGOK
OVERFI
UNDERFI
-
DTSEQ1:0
NBUSYBK1:0
UESTA0X
Read/Write
R
R/W
R/W
R/W
R
R
R
R
Initial Value
0000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com