Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 282 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 282 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 459 page
background image
282
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4 - FNCERR -Frame Number CRC Error Flag
Set by hardware when a corrupted Frame Number in start of frame packet is received.
This bit and the SOFI interrupt are updated at the same time.
• 3-0 - Reserved
The value read from these bits is always 0. Do not set these bits.
22.18.2
USB device endpoint registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - EPNUM2:0 Endpoint Number Bits
Load by software to select the number of the endpoint which shall be accessed by the CPU. See
Section 22.5, page 268 for more details.
EPNUM = 111b is forbidden.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - EPRST6:0 - Endpoint FIFO Reset Bits
Set to reset the selected endpoint FIFO prior to any other operation, upon hardware reset or
when an USB bus reset has been received. See Section 22.3, page 267 for more information
Then, clear by software to complete the reset operation and start using the endpoint.
Bit
76543210
---
FNCERR
----
UDMFN
Read/W
rite
R
Initial
Value
00000000
Bit
765432
10
-
-
-
-
-
EPNUM2:0
UENUM
Read/Write
RRRRR
R/W
R/W
R/W
Initial Value
000000
00
Bit
765432
10
-
EPRST6
EPRST5
EPRST4
EPRST3
EPRST2
EPRST1
EPRST0
UERST
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com