Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 300 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 300 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 459 page
background image
300
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 2 - RSTE - USB Reset Sent Interrupt Enable
Set this bit to enable the RSTI interrupt.
Clear this bit to disable the RSTI interrupt.
• 1 - DDISCE - Device Disconnection Interrupt Enable
Set this bit to enable the DDISCI interrupt.
Clear this bit to disable the DDISCI interrupt.
• 0 - DCONNE - Device Connection Interrupt Enable
Set this bit to enable the DCONNI interrupt.
Clear this bit to disable the DCONNI interrupt.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - HADDR6:0 - USB Host Address
These bits contain the address of the USB Device.
• 7-4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-0 - FNUM10:8 - Frame Number
The value contained in this register is the current SOF number.
This value can be modified by software.
• 7-0 - FNUM7:0 - Frame Number
The value contained in this register is the current SOF number.
This value can be modified by software.
Bit
765432
10
HADDR6
HADDR5
HADDR4
HADDR3
HADDR2
HADDR1
HADDR0
HADDR6
UHADDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000000
00
Bit
765
43
2
1
0
-
----
FNUM10
FNUM9
FNUM8
UHFNUMH
Read/Write
RRR
RR
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7654
3210
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
UHFNUML
Read/Write
RRR
RRRR
R
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com