Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 301 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 301 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 459 page
background image
301
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
• 7-0 - FLEN7:0 - Frame Length
The value contained the data frame length transmited.
23.16.2
USB Host Pipe registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - PNUM2:0 - Pipe Number
Select the pipe using this register. The USB Host registers ended by a X correspond then to this
number.
This number is used for the USB controller following the value of the PNUMD bit.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6 - P6RST - Pipe 6 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 6.
• 5 - P5RST - Pipe 5 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 5.
• 4 - P4RST - Pipe 4 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 4.
• 3 - P3RST - Pipe 3 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 3.
• 2 - P2RST - Pipe 2 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 2.
Bit
76543210
FLEN7
FLEN6
FLEN5
FLEN4
FLEN3
FLEN2
FLEN1
FLEN0
UHFLEN
Read/Write
RRRRRRRR
Initial Value
00000000
Bit
7
6
543
2
1
0
PNUM2
PNUM1
PNUM0
UPNUM
Read/Write
RW
RW
RW
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
-
P6RST
P5RST
P4RST
P3RST
P2RST
P1RST
P0RST
UPRST
Read/Write
RW
RW
RW
RW
RW
RW
RW
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com