Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 304 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation AT90USB646 Datasheet HTML 306Page - ATMEL Corporation AT90USB646 Datasheet HTML 307Page - ATMEL Corporation AT90USB646 Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 459 page
background image
304
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
- 00: 1 bank
- 01: 2 banks
- 10: invalid
- 11: invalid
• ALLOC
Configure Pipe Memory
Set to configure the pipe memory with the characteristics.
Clear to update the memory allocation. Refer to the Memory Management chapter for more
details.
7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 7 - INTFRQ7:0 - Interrupt Pipe Request Frequency
These bits are the maximum value in millisecond of the polling period for an Interrupt Pipe.
This value has no effect for a non-Interrupt Pipe.
• 7 - CFGOK - Configure Pipe Memory OK
Set by hardware if the required memory configuration has been successfully performed.
Cleared by hardware when the pipe is disabled. The USB reset and the reset pipe have no effect
on the configuration of the pipe.
• 6 - OVERFI - Overflow
Set by hardware when a the current Pipe has received more data than the maximum length of
the current Pipe. An interrupt is triggered if the FLERRE bit is set.
Shall be cleared by software. Setting by software has no effect.
• 5 - UNDERFI - Underflow
Set by hardware when a transaction underflow occurs in the current isochronous or interrupt
Pipe. The Pipe can’t send the data flow required by the device. A ZLP will be sent instead. An
interrupt is triggered if the FLERRE bit is set.
Shall be cleared by software. Setting by software has no effect.
Bit
76543210
INTFRQ7
INTFRQ6
INTFRQ5
INTFRQ4
INTFRQ3
INTFRQ2
INTFRQ1
INTFRQ0
UPCFG2X
Read/Write
RW
RW
RW
RW
RW
RW
RW
RW
Initial Value
00000000
Bit
7
6
543
2
1
0
CFGOK
OVERFI
UNDERFI
-
DTSEQ1:0
NBUSYBK
UPSTAX
Read/Write
R
RW
RW
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com