Electronic Components Datasheet Search
  English  ▼

X  

AT90USB1286 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT90USB1286
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1286 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT90USB1286 Datasheet HTML 40Page - ATMEL Corporation AT90USB1286 Datasheet HTML 41Page - ATMEL Corporation AT90USB1286 Datasheet HTML 42Page - ATMEL Corporation AT90USB1286 Datasheet HTML 43Page - ATMEL Corporation AT90USB1286 Datasheet HTML 44Page - ATMEL Corporation AT90USB1286 Datasheet HTML 45Page - ATMEL Corporation AT90USB1286 Datasheet HTML 46Page - ATMEL Corporation AT90USB1286 Datasheet HTML 47Page - ATMEL Corporation AT90USB1286 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 459 page
background image
44
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Note:
1. These options should only be used if frequency stability at start-up is not important for the
application.
6.5
Calibrated Internal RC Oscillator
The calibrated internal RC Oscillator by default provides a 8.0 MHz clock. The frequency is nom-
inal value at 3V and 25
⋅C. The device is shipped with the CKDIV8 Fuse programmed. See
“System Clock Prescaler” on page 47 for more details. This clock may be selected as the system
clock by programming the CKSEL Fuses as shown in Table 6-7. If selected, it will operate with
no external components. During reset, hardware loads the calibration byte into the OSCCAL
Register and thereby automatically calibrates the RC Oscillator. At 3V and 25
⋅C, this calibration
gives a frequency of 8 MHz ±10%. The oscillator can be calibrated to any frequency in the range
7.3 - 8.1 MHz within ±10% accuracy, by changing the OSCCAL register. When this Oscillator is
used as the chip clock, the Watchdog Oscillator will still be used for the Watchdog Timer and for
the Reset Time-out. For more information on the pre-programmed calibration value, see the sec-
tion “Calibration Byte” on page 369
Notes:
1. The device is shipped with this option selected.
2. The frequency ranges are preliminary values. Actual values are TBD.
3. If 8 MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-5 on page 43.
Table 6-7.
Internal Calibrated RC Oscillator Operating Modes
(1)(3)
Frequency Range
(2) (MHz)
CKSEL3..0
7.3 - 8.1
0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com