| Electronic Components Datasheet Search |
|
AT90USB1286 Datasheet(PDF) 53 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB1286 Datasheet(HTML) 53 Page - ATMEL Corporation |
|
53 / 459 page ![]() 53 7593H–AVR–11/08 ATmega32U6/AT90USB64/128 If Timer/Counter2 is enabled, it will keep running during sleep. The device can wake up from either Timer Overflow or Output Compare event from Timer/Counter2 if the corresponding Timer/Counter2 interrupt enable bits are set in TIMSK2, and the Global Interrupt Enable bit in SREG is set. If Timer/Counter2 is not running, Power-down mode is recommended instead of Power-save mode. The Timer/Counter2 can be clocked both synchronously and asynchronously in Power-save mode. If the Timer/Counter2 is not using the asynchronous clock, the Timer/Counter Oscillator is stopped during sleep. If the Timer/Counter2 is not using the synchronous clock, the clock source is stopped during sleep. Note that even if the synchronous clock is running in Power-save, this clock is only available for the Timer/Counter2. 7.5 Standby Mode When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected, the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to Power-down with the exception that the Oscillator is kept running. From Standby mode, the device wakes up in six clock cycles. Note that in Stanby mode the PLL is disabled and the USB interface will not function. 7.6 Extended Standby Mode When the SM2..0 bits are 111 and an external crystal/resonator clock option is selected, the SLEEP instruction makes the MCU enter Extended Standby mode. This mode is identical to Power-save mode with the exception that the Oscillator is kept running. From Extended Standby mode, the device wakes up in six clock cycles. Notes: 1. Only recommended with external crystal or resonator selected as clock source. 2. If Timer/Counter2 is running in asynchronous mode. 3. For INT7:4, only level interrupt. 4. Asynchronous USB interrupts are VBUSTI, WAKEUPI, IDTI and HWUPI. Table 7-2. Active Clock Domains and Wake-up Sources in the Different Sleep Modes. Active Clock Domains Oscillators Wake-up Sources Sleep Mode Idle X X X X X (2) XXXXX XXXX ADCNRM X X X X (2) X (3) XX (2) XX X X X Power-down X (3) XX X Power-save X X (2) X (3) XX X X Standby (1) XX (3) XX X Extended Standby X (2) XX (2) X (3) XX X X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |