Electronic Components Datasheet Search
  English  ▼

X  

TAS5708PHP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708PHP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708PHP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5708PHP Datasheet HTML 39Page - Texas Instruments TAS5708PHP Datasheet HTML 40Page - Texas Instruments TAS5708PHP Datasheet HTML 41Page - Texas Instruments TAS5708PHP Datasheet HTML 42Page - Texas Instruments TAS5708PHP Datasheet HTML 43Page - Texas Instruments TAS5708PHP Datasheet HTML 44Page - Texas Instruments TAS5708PHP Datasheet HTML 45Page - Texas Instruments TAS5708PHP Datasheet HTML 46Page - Texas Instruments TAS5708PHP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
MASTER FINE VOLUME REGISTER (0x0A)
VOLUME CONFIGURATION REGISTER (0x0E)
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
This register can be used to provide precision tuning of master volume.
Table 11. Master Fine Volume Register (0x0A)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
0
0
0 dB (1)
–
–
–
–
–
–
0
1
0.125 dB
–
–
–
–
–
–
1
0
0.25 dB
–
–
–
–
–
–
1
1
0.375 dB
1
–
–
–
–
–
–
–
Write enable bit
0
–
–
–
–
–
–
–
Ignore Write to register 0X0A
(1)
Default values are in bold.
Bits
Volume slew rate (Used to control volume change and MUTE ramp rates). These bits control the
D2–D0:
number of steps in a volume ramp.Volume steps occur at a rate that depends on the sample rate of
the I2S data as follows
Sample Rate (KHz)
Approximate Ramp Rate
8/16/32
125 us/step
11.025/22.05/44.1
90.7 us/step
12/24/48
83.3 us/step
Table 12. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
1
0
–
–
–
Reserved (1)
–
–
–
–
–
0
0
0
Volume slew 512 steps (43 ms volume ramp time at 48kHz)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85 ms volume ramp time at 48kHz) (1)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171 ms volume ramp time at 48kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21ms volume ramp time at 48kHz)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com