Electronic Components Datasheet Search
  English  ▼

X  

TAS5708PHP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708PHP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708PHP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5708PHP Datasheet HTML 3Page - Texas Instruments TAS5708PHP Datasheet HTML 4Page - Texas Instruments TAS5708PHP Datasheet HTML 5Page - Texas Instruments TAS5708PHP Datasheet HTML 6Page - Texas Instruments TAS5708PHP Datasheet HTML 7Page - Texas Instruments TAS5708PHP Datasheet HTML 8Page - Texas Instruments TAS5708PHP Datasheet HTML 9Page - Texas Instruments TAS5708PHP Datasheet HTML 10Page - Texas Instruments TAS5708PHP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PWM OPERATION AT RECOMMENDED OPERATING CONDITIONS
TAS5708
www.ti.com ........................................................................................................................................................................................... SLOS570 – DECEMBER 2008
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
DVDD, AVDD
–0.3 to 3.6
V
Supply voltage
PVCC_X, AVCC
–0.3 to 30
V
3.3-V digital inputs (except HIZ)
–0.5 to DVDD + 0.5
V
3.3-V HIZ input
–0.3 to AVDD + 0.3
V
Input voltage
5-V tolerant(3) digital inputs (except MCLK)
–0.5 to DVDD + 2.5(2)
V
5-V tolerant MCLK input
–0.5 to AVDD + 2.5(2)
V
OUT_x to PGND_X
32(4)
V
BST_x to PGND_X
43(4)
V
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
Maximum pin voltage should not exceed 6.0V
(3)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(4)
DC voltage + peak ac waveform measured at the pin should be below the allowed limit for all conditions.
DERATING FACTOR
TA ≤ 25°C
TA = 45°C
TA = 70°C
PACKAGE
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
7-mm × 7-mm HTQFP
40 mW/°C
5 W
4.2 W
3.2 W
(1)
This data was taken using 1 oz trace and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad must
be soldered to a thermal land on the printed-circuit board. See TI Technical Briefs SLMA002 for more information about using the
HTQFP thermal pad
MIN
NOM
MAX
UNIT
Digital/analog supply voltage
DVDD, AVDD
3
3.3
3.6
V
Half-bridge supply voltage
PVCC_X, AVCC
10
26
V
VIH
High-level input voltage
Digital Inputs
2
V
VIL
Low-level input voltage
Digital Inputs
0.8
V
TA
Operating ambient temperature range
0
85
°C
TJ
(1)
Operating junction temperature range
0
125
°C
RL (BTL)
Load impedance
Output filter: L = 33
µH, C = 1 µF.
6
8
Ω
RL (PBTL)
Load impedance
Output filter: L = 33
µH, C = 1 µF.
3.2
4
Ω
Minimum output inductance under
10
LO (BTL)
Output-filter inductance
µH
short-circuit condition
Minimum output inductance under
10
LO (PBTL)
Output-filter inductance
µH
short-circuit condition
(1)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device.
PARAMETER
TEST CONDITIONS
VALUE
UNIT
11.025/22.05/44.1-kHz data rate ±2%
352.8
kHz
Output sample rate
48/24/12/8/16/32-kHz data rate ±2%
384
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com