Electronic Components Datasheet Search
  English  ▼

X  

TAS5708PHP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5708PHP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ/DRC and FEEDBACK
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5708PHP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5708PHP Datasheet HTML 2Page - Texas Instruments TAS5708PHP Datasheet HTML 3Page - Texas Instruments TAS5708PHP Datasheet HTML 4Page - Texas Instruments TAS5708PHP Datasheet HTML 5Page - Texas Instruments TAS5708PHP Datasheet HTML 6Page - Texas Instruments TAS5708PHP Datasheet HTML 7Page - Texas Instruments TAS5708PHP Datasheet HTML 8Page - Texas Instruments TAS5708PHP Datasheet HTML 9Page - Texas Instruments TAS5708PHP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
TAS5708
SLOS570 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS (continued)
PIN
TYPE
5-V
TERMINATION
DESCRIPTION
(1)
TOLERANT
(2)
NAME
NO.
LRCLK
20
DI
5-V
Pulldown
Input serial audio data left/right clock (sample rate clock)
MCLK
15
DI
5-V
Pulldown
Master Clock Input
OSC_RES
16
AO
Oscillator trim resistor. Connect an 18.2-k
Ω 1% resistor to DVSSO.
OUT_A
4
O
Output, half-bridge A
OUT_B
1
O
Output, half-bridge B
OUT_C
36
O
Output, half-bridge C
OUT_D
33
O
Output, half-bridge D
PDN
19
DI
5-V
Pullup
Power down, active-low. PDN prepares the device for loss of power
supplies by shutting down the Noise Shaper and initiating PWM stop
sequence.
PGND_A
5, 6
P
Power ground for half-bridge A
PGND_B
2, 3
P
Power ground for half-bridge B
PGND_C
34, 35
P
Power ground for half-bridge C
PGND_D
31, 32
P
Power ground for half-bridge D
PLL_FLTM
10
AO
PLL negative loop filter terminal
PLL_FLTP
11
AO
PLL positive loop filter terminal
PVCC_A
7, 8
P
Power supply input for half-bridge output A
PVCC_B
48
P
Power supply input for half-bridge output B
PVCC_C
37
P
Power supply input for half-bridge output C
PVCC_D
29, 30
P
Power supply input for half-bridge output D
RESET
25
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic low
to this pin. RESET is an asynchronous control signal that restores the
DAP to its default conditions, and places the PWM in the hard mute
state (tristated).
SCL
24
DI
5-V
I2C serial control clock input
SCLK
21
DI
5-V
Pulldown
Serial audio data clock (shift clock). SCLK is the serial audio port input
data bit clock.
SDA
23
DIO
5-V
I2C serial control data interface input/output
SDIN
22
DI
5-V
Pulldown
Serial audio data input. SDIN supports three discrete (stereo) data
formats.
STEST
26
DI
Factory test pin. Connect directly to DVSS.
FAULT
14
DO
Backend error indicator. Asserted LOW for over current errors.
De-asserted upon recovery from error condition.
VR_ANA
12
P
Internally regulated 1.8-V analog supply voltage. This pin must not be
used to power external devices.
VR_DIG
18
P
Internally regulated 1.8-V digital supply voltage. This pin must not be
used to power external devices.
VCLAMP_AB
46
AO
Internally generated voltage supply for channel A and B gate
drive.This pin must not be used to power external devices.Connect
only to external decoupling capacitor
VCLAMP_CD
39
AO
Internally generated voltage supply for channel C and D gate
drive.This pin must not be used to power external devices.Connect
only to external decoupling capacitor
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com