Electronic Components Datasheet Search
  English  ▼

X  

WM406E Datasheet(PDF) 9 Page - Texas Instruments

Part # WM406E
Description  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

WM406E Datasheet(HTML) 9 Page - Texas Instruments

Back Button WM406E Datasheet HTML 5Page - Texas Instruments WM406E Datasheet HTML 6Page - Texas Instruments WM406E Datasheet HTML 7Page - Texas Instruments WM406E Datasheet HTML 8Page - Texas Instruments WM406E Datasheet HTML 9Page - Texas Instruments WM406E Datasheet HTML 10Page - Texas Instruments WM406E Datasheet HTML 11Page - Texas Instruments WM406E Datasheet HTML 12Page - Texas Instruments WM406E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN74AVCA406E
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SCES659C – OCTOBER 2007 – REVISED MARCH 2008
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN TYP(3)
MAX
UNIT
IOH = –100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2
IOH = –1 mA
1.2 V
1.2 V
0.9
IOH = –1 mA
1.4 V
1.4 V
1.05
VOH
A port
VI = VIH
V
IOH = –2 mA
1.65 V
1.65 V
1.2
IOH = –4 mA
2.3 V
2.3 V
1.75
IOH = –8 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 1 mA
1.2 V
1.2 V
0.1
IOL = 1 mA
1.4 V
1.4 V
0.35
VOL
A port
VI = VIL
V
IOL = 2 mA
1.65 V
1.65 V
0.45
IOL = 4 mA
2.3 V
2.3 V
0.55
IOL = 8 mA
3 V
3 V
0.7
IOH = –100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2
IOH = –1 mA
1.2 V
1.2 V
1.1
IOH = –2 mA
1.4 V
1.4 V
1.05
VOH
B port
VI = VIH
V
IOH = –4 mA
1.65 V
1.65 V
1.2
IOH = –8 mA
2.3 V
2.3 V
1.75
IOH = –16 mA
3 V
3 V
2.1
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 1 mA
1.2 V
1.2 V
0.07
IOL = 2 mA
1.4 V
1.4 V
0.35
VOL
B port
VI = VIL
V
IOL = 4 mA
1.65 V
1.65 V
0.45
IOL = 8 mA
2.3 V
2.3 V
0.55
IOL = 16 mA
3 V
3 V
0.79
Control
II
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±1
µA
inputs
See function
VO = VCCO or GND, table for input
IOZ
(4)
A or B port
3.6 V
3.6 V
±5
µA
VI = VCCI or GND
states when
outputs are Hi Z
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
VI = VCCI or GND,
IO = 0
3.6 V
0 V
10
µA
0 V
3.6 V
–1
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
VI = VCCI or GND,
IO = 0
3.6 V
0 V
–1
µA
0 V
3.6 V
10
ICCA + ICCB
VI = VCCI or GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
15
µA
Control
1.5
2
inputs
Ci
VI = VCCA or GND
1.8 V
3 V
pF
Clock input
1.5
2
A port
VO = VCCA or GND
2.5
3.5
Cio
1.8 V
3 V
pF
B port
VO = VCCB or GND
12
14
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the data input port.
(3)
All typical values are at TA = 25°C.
(4)
For I/O ports, the parameter IOZ includes the input leakage current.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AVCA406E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com