Electronic Components Datasheet Search
  English  ▼

X  

WM406E Datasheet(PDF) 13 Page - Texas Instruments

Part # WM406E
Description  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

WM406E Datasheet(HTML) 13 Page - Texas Instruments

Back Button WM406E Datasheet HTML 9Page - Texas Instruments WM406E Datasheet HTML 10Page - Texas Instruments WM406E Datasheet HTML 11Page - Texas Instruments WM406E Datasheet HTML 12Page - Texas Instruments WM406E Datasheet HTML 13Page - Texas Instruments WM406E Datasheet HTML 14Page - Texas Instruments WM406E Datasheet HTML 15Page - Texas Instruments WM406E Datasheet HTML 16Page - Texas Instruments WM406E Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
MAXIMUM FREQUENCY AND OUTPUT SKEW
MAXIMUM FREQUENCY AND OUTPUT SKEW
OPERATING CHARACTERISTICS
SN74AVCA406E
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SCES659C – OCTOBER 2007 – REVISED MARCH 2008
VCCA = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (see Figure 5)
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
CLKB
95
95
95
Clock
CLKA
CLK-f
95
95
95
fmax
MHz
A
B
95
95
95
Data
B
A
95
95
95
Channel-to-
tsk(o)
A
B
0.1
0.3
0.3
ns
channel
VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (see Figure 5)
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
CLKB
95
95
Clock
CLKA
CLK-f
95
95
fmax
MHz
A
B
95
95
Data
B
A
95
95
Channel-to-
tsk(o)
A
B
0.3
ns
channel
TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.2 V
VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
TYP
A-port
input,
4.5
4.7
4.9
5.5
6
6.4
B-port
CL = 0,
output
CpdA
(1)
f = 10 MHz,
pF
B-port
tr = tf = 1 ns
input,
8
8.3
8.5
9.1
9.5
9.7
A-port
output
A-port
input,
27.9
27.8
27.7
27.6
27.6
27.5
B-port
CL = 0,
output
CpdB
(1)
f = 10 MHz,
pF
B-port
tr = tf = 1 ns
input,
2.6
2.5
2.4
2.3
1.8
1.8
A-port
output
(1)
Power dissipation capacitance per transceiver
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN74AVCA406E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com