Electronic Components Datasheet Search
  English  ▼

X  

WM406E Datasheet(PDF) 2 Page - Texas Instruments

Part # WM406E
Description  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

WM406E Datasheet(HTML) 2 Page - Texas Instruments

  WM406E Datasheet HTML 1Page - Texas Instruments WM406E Datasheet HTML 2Page - Texas Instruments WM406E Datasheet HTML 3Page - Texas Instruments WM406E Datasheet HTML 4Page - Texas Instruments WM406E Datasheet HTML 5Page - Texas Instruments WM406E Datasheet HTML 6Page - Texas Instruments WM406E Datasheet HTML 7Page - Texas Instruments WM406E Datasheet HTML 8Page - Texas Instruments WM406E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ZXY PACKAGE
(TOP VIEW)
1
2
3
4
5
B
A
C
D
ZQS PACKAGE
(TOP VIEW)
E
D
C
B
A
2
1
3
4
5
D1
C4
D4
D2
DAT1B
DAT2B
DAT3B
CMDB
CLKB
DAT0B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
VCCA
DAT0-dir
DAT0A
DAT123-dir
DAT1A
DAT2A
DAT3A
CMD-dir
CMDA
CLKA
CLK-f
GND
GND
VCCB
DAT0B
DAT1B
DAT2B
DAT3B
CMDB
CLKB
VDDA
DAT0-dir
DAT0
DAT123-dir
DAT1
DAT2
DAT3
CMD-dir
CMD
CLK
CLKin
GND
WP
CD
DAT2
DAT3
CMD
VSS1
VDD
CLK
VSS2
DAT0
DAT1
WP/CD (Physical)
CD (Physical)
GND
GND
WP (Physical)
A5
C5
B2
C1
A2
B4
A4
B5
B1
A3
A1
C3
B3
VCCA
VCCA
VCCB
Processor
SD/SDIO MMC
SN74AVCA406EZXYR
C3
0.1 A
C4
0.1 A
C1
0.1 A
VCCB
U1A
U2
J1
DAT2B
DAT3B
CMDB
D5
C2
D3
WP
DAT0B
DAT1B
CLKB
CD
54794-0978
SD/SDIO Card
Connector
WP
CD
100 k
100 k
SN74AVCA406E
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SCES659C – OCTOBER 2007 – REVISED MARCH 2008
TERMINAL ASSIGNMENTS
(20-Ball ZXY Package)
A
B
C
D
5
VCCA
CMD-dir
DAT0-dir
VCCB
4
DAT3A
DAT2A
DAT2B
DAT3B
3
CLKA
GND
GND
CLKB
2
DAT1A
DAT0A
CMDB
DAT0B
1
CLK-f
CMDA
DAT123-dir
DAT1B
TERMINAL ASSIGNMENTS
(24-Ball ZQS Package)
1
2
3
4
5
A
DAT2A
CMD-dir
DAT0-dir
RSV
DAT2B
B
DAT3A
VCCA
VCCB
DAT3B
C
CLKA
RSV
GND
GND
CLKB
D
DAT0A
CMDA
CD
CMDB
DAT0B
E
DAT1A
CLK-f
DAT123-dir
WP
DAT1B
REFERENCE DESIGN
Figure 1. Interfacing With SD/SDIO Card
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCA406E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com