| Electronic Components Datasheet Search |
|
TMS320C6474 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6474 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 41 page ![]() www.ti.com Silicon Revision 1.2 Known Design Exceptions to Functional Specifications This workaround requires that a specific TC instance is dedicated to the COMPACTV decrement transfer. The reason is that, depending on the nature of the traffic on a given queue/TC, it may be difficult to control the timing of the normal CC TR submission to that TC versus the DSP programming of that TC. There is no hardware protection to prevent corruption of the TC registers in the case that both CC and DSP software attempt to program the TC simultaneously. For the base addresses of the TCs, see the device-specific data manual, TMS320C6474 Multicore Digital Signal Processor (literature number SPRS552). A brief summary of the TC registers to be configured are provided in Table 5. Table 5. TC Registers Summary ADDRESS REGISTER SUGGESTED VALUE DESCRIPTION TCx Base + 0x0200 Prog Set Options See the Prog Set Options Register description below TCx Base + 0x0204 Prog Set Src Address See Prog Set Src/Dst Address Register description below TCx Base + 0x0208 Prog Set Count 0x00010004 (ACNT = 4 and BCNT =1) TCx Base + 0x020C Prog Set Dst Address See Prog Set Src/Dst Address Register description below TCx Base + 0x0210 Prog Set B-Dim Idx 0x0 (don't care since BCNT=1). Writing to the PBIDX register triggers the transfer. Thus, this register should be written. Note: The five registers listed in Table 5 should be written in the sequence shown (i.e., top to bottom). The last write, to the Prog Set B-Dim Idx register, triggers the transfer. Prog Set Options Register The Prog Set Option register is shown in Figure 5. The TCINTEN bit should be set to 0x1. The TCC code should be set to some known value that is not used by other requests in the system. The other fields should be set to 0x0. Upon completion of the transfer, the TCC value will be set in the corresponding bit in the IPR/IPRH registers. The software should poll for this bit in the IPR/IPRH registers and then clear it with the ICR/ICRH registers before programming the next COMPACTV decrement transfer. Figure 5. Prog Set Options Register 31 23 22 21 20 19 18 17 16 TCCH TCINT Reserved Rsvd Reserved TCC _EN _EN R-0 R/W-0 R-0 R/W-0 R-0 R/W-0 15 12 11 10 8 7 6 4 3 2 1 0 TCC Rsvd FWID Rsvd PRI Reserved DAM SAM R/W-0 R-0 R/W-0 R-0 R/W-0 R-0 R/W-0 R/W-0 LEGEND: R/W = Read/Write; R = Read only; -n = value after reset SPRZ283 – October 2008 TMS320C6474 DSP 39 Silicon Revisions 1.3, 1.2 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |