Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6474 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6474
Description  Digital Signal Processor Silicon Revisions 1.3, 1.2
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6474 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C6474 Datasheet HTML 9Page - Texas Instruments TMS320C6474 Datasheet HTML 10Page - Texas Instruments TMS320C6474 Datasheet HTML 11Page - Texas Instruments TMS320C6474 Datasheet HTML 12Page - Texas Instruments TMS320C6474 Datasheet HTML 13Page - Texas Instruments TMS320C6474 Datasheet HTML 14Page - Texas Instruments TMS320C6474 Datasheet HTML 15Page - Texas Instruments TMS320C6474 Datasheet HTML 16Page - Texas Instruments TMS320C6474 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
www.ti.com
Silicon Revision 1.3 Known Design Exceptions to Functional Specifications
• Protect non-cacheable reads from generating an SDMA stall by freezing the L1D
cache during the non-cacheable read access(es). The following example code
contains a function that protects non-cacheable reads, avoids blocking during the
reads, and, therefore, avoids the deadlock state.
;; ======================================================================== ;;
;;
Long Distance Load Word
;;
;;
;;
;;
int long_dist_load_word(volatile int *addr)
;;
;;
;;
;;
This function reads a single word from a remote location with the L1D
;;
;;
cache frozen.
This prevents L1D from sending victims in response to
;;
;;
these reads, thus preventing the L1D victim lock from engaging for the
;;
;;
corresponding L1D set.
;;
;;
;;
;;
The code below does the following:
;;
;;
;;
;;
1.
Disable interrupts
;;
;;
2.
Freeze L1D
;;
;;
3.
Load the requested word
;;
;;
4.
Unfreeze L1D
;;
;;
5.
Restore interrupts
;;
;;
;;
;;
Interrupts are disabled while the cache is frozen to prevent affecting
;;
;;
the performance of interrupt handlers.
Disabling interrupts during
;;
;;
the long distance load does not greatly impact interrupt latency,
;;
;;
because the CPU already cannot service interrupts when it's stalled by
;;
;;
the cache.
This function adds a small amount of overhead (~20 cycles)
;;
;;
to that operation.
;;
;;
;;
;; ======================================================================== ;;
.asg
0x01840044,
L1DCC
; L1D Cache Control
.global _long_dist_load_word
.text
.asmfunc
; int long_dist_load_word(volatile int *addr)
_long_dist_load_word:
MVKL
L1DCC,
B4
MVKH
L1DCC,
B4
||
DINT
; Disable interrupts
||
MVK
1,
B5
STW
B5,
*B4
; \_ Freeze cache
LDW
*B4,
B5
; /
NOP
4
SHR
B5,
16,
B5
; POPER -> OPER
||
LDW
*A4,
A4
; read value remotely
NOP
4
STW
B5,
*B4
; \_ Restore cache
RET
B3
||
LDW
*B4,
B5
; /
NOP
4
RINT
; Restore interrupts
.endasmfunc
;; ======================================================================== ;;
;;
End of file: ldld.asm
;;
;; ======================================================================== ;;
In the C6474 multicore device, when one GEM is accessing another GEM's L1 or L2
memory it is an MDMA access, so the potential SDMA/IDMA stall can occur. The stall
can be avoided by using the EDMA to transfer data from one GEM's memory to another.
SPRZ283 – October 2008
TMS320C6474 DSP
13
Silicon Revisions 1.3, 1.2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com