Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6474 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6474
Description  Digital Signal Processor Silicon Revisions 1.3, 1.2
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6474 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C6474 Datasheet HTML 17Page - Texas Instruments TMS320C6474 Datasheet HTML 18Page - Texas Instruments TMS320C6474 Datasheet HTML 19Page - Texas Instruments TMS320C6474 Datasheet HTML 20Page - Texas Instruments TMS320C6474 Datasheet HTML 21Page - Texas Instruments TMS320C6474 Datasheet HTML 22Page - Texas Instruments TMS320C6474 Datasheet HTML 23Page - Texas Instruments TMS320C6474 Datasheet HTML 24Page - Texas Instruments TMS320C6474 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
www.ti.com
Silicon Revision 1.3 Known Design Exceptions to Functional Specifications
Advisory 1.3.7
EMAC Boot Issue
Revision(s) Affected:
1.3, 1.2
Details:
The EMAC ready announcement frame is not transmitted when the C6474 device is
booted in master and slave modes.
When the DSP is booted in EMAC master/slave boot modes (boot modes 4, 5), the DSP
transmits an Ethernet Ready Announcement (ERA) frame in the form of a BOOTP
request. The BOOTP request is intended to inform the host server that the DSP is ready
to receive boot packets. The ERA frame packet is described in more detail in the
TMS320C6474 Bootloader User's Guide (literature number SPRUG24).
Texas Instruments will fix the Ethernet Ready Announcement frame transmission in the
next silicon revision for C6474 devices.
Workaround 1:
Have the host that is responsible for sending the boot packets broadcast a small boot
table with the program that is shown in the example below. This will cause any C6474
device to restart the EMAC boot procedure (without configuring the MAC peripheral
again) and re-transmit the ERA.
Re-send ERA packet code:
BOOT_REENTRY_ADDR .equ 03c000110h
BOOT_EMAC_OPT
.equ 01088480Ah
MVKL
BOOT_EMAC_OPT, A1
MVKH
BOOT_EMAC_OPT, A1
MVKL
0x00000026, A4
;overwrite option field in EMAC bootparam
MVKH
0x00000026, A4
STH
A4, *A1
NOP
4
MVKL
BOOT_REENTRY_ADDR,
B3
MVKH
BOOT_REENTRY_ADDR,
B3
BNOP
B3, 5
Workaround 2:
The host server would need to rely on prior knowledge of the DSP MAC address to
transmit boot packets to the correct DSP. The DSP will be ready to receive EMAC boot
packets within 2 ms following deassertion of reset.
In the scenario where the boot server reads the MAC address of the DSP from the ERA
packet, the procedure would need to be changed. After some customer TBD delay
where the ERA is not received, the host sends the broadcast packet with the payload
described in Workaround 1.
SPRZ283 – October 2008
TMS320C6474 DSP
21
Silicon Revisions 1.3, 1.2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com