Electronic Components Datasheet Search
  English  ▼

X  

XC9515 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9515 Datasheet HTML 10Page - Torex Semiconductor XC9515 Datasheet HTML 11Page - Torex Semiconductor XC9515 Datasheet HTML 12Page - Torex Semiconductor XC9515 Datasheet HTML 13Page - Torex Semiconductor XC9515 Datasheet HTML 14Page - Torex Semiconductor XC9515 Datasheet HTML 15Page - Torex Semiconductor XC9515 Datasheet HTML 16Page - Torex Semiconductor XC9515 Datasheet HTML 17Page - Torex Semiconductor XC9515 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14/21
XC9515 Series
LX1
PVDD1
PVSS1
PVSS2
PVDD2
CD
AVSS
MR
VOUT1
EN2
EN1
LX2
VDOUT
VOUT2
CIN
< Test Circuit No.1 >
CIN
V
V
CL
CL
< Test Circuit No.2 >
LX1
PVDD1
PVSS1
PVSS2
PVDD2
CD
AVSS
MR
VOUT1
EN2
EN1
LX2
VDOUT
VOUT2
1μF
※ 
External Components
L
: 4.7μH(CDRH4D28C : SUMIDA)
CIN
: 10μF (ceramic)
CL
: 10μF (ceramic)
Wave Form Measurement Point
Wave Form Measurement Point
Wave Form Measurement Point
Wave Form Measurement Point
L
L
< Test Circuit No.3 >
LX1
PVDD1
PVSS1
PVSS2
PVDD2
CD
AVSS
MR
VOUT1
EN2
EN1
LX2
VDOUT
VOUT2
1μF
A
A
A
A
A
A
A
V
V
V
V
m
100 A
m
100 A
V
■TEST CIRCUITS
Wave Form Measurement Point
Wave Form Measurement Point
Wave Form Measurement Point
Wave Form Measurement Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com