Electronic Components Datasheet Search
  English  ▼

X  

XC9515 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC9515 Datasheet HTML 12Page - Torex Semiconductor XC9515 Datasheet HTML 13Page - Torex Semiconductor XC9515 Datasheet HTML 14Page - Torex Semiconductor XC9515 Datasheet HTML 15Page - Torex Semiconductor XC9515 Datasheet HTML 16Page - Torex Semiconductor XC9515 Datasheet HTML 17Page - Torex Semiconductor XC9515 Datasheet HTML 18Page - Torex Semiconductor XC9515 Datasheet HTML 19Page - Torex Semiconductor XC9515 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16/21
XC9515 Series
VIN=5V,FOSC=1MHz
L=4.7uH(CDRH4D28C),CIN=10uF(ceramic),CL=10uF(ceramic)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current : IOUT [mA]
VOUT=1.5V
VOUT=3.3V
VOUT=1.8V
VIN=5.0V
L:4.7uH(CDRH4D28C),CIN=10uF(ceramic),CL=10uF(ceramic)
3.20
3.25
3.30
3.35
3.40
110
100
1000
Output Current : IOUT[mA]
VIN=5.0V
L:4.7uH(CDRH4D28C),CIN=10uF(ceramic),CL=10uF(ceramic)
1.40
1.45
1.50
1.55
1.60
110
100
1000
Output Current : IOUT[mA]
VIN=5.0V
L:4.7uH(CDRH4D28C),CIN=10uF(ceramic),CL=10uF(ceramic)
1.70
1.75
1.80
1.85
1.90
1
10
100
1000
Output Current : IOUT[mA]
VOUT=1.5V
VOUT=1.8V
VOUT=3.3V
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output Current
(2) Output Voltage vs. Output Current
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com