Electronic Components Datasheet Search
  English  ▼

X  

XC9515 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9515 Datasheet HTML 2Page - Torex Semiconductor XC9515 Datasheet HTML 3Page - Torex Semiconductor XC9515 Datasheet HTML 4Page - Torex Semiconductor XC9515 Datasheet HTML 5Page - Torex Semiconductor XC9515 Datasheet HTML 6Page - Torex Semiconductor XC9515 Datasheet HTML 7Page - Torex Semiconductor XC9515 Datasheet HTML 8Page - Torex Semiconductor XC9515 Datasheet HTML 9Page - Torex Semiconductor XC9515 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/21
XC9515 Series
Test Conditions:
* P_VDD1
・2 stands for P_VDD1=P_VDD2
**Unless otherwise stated, P_VDD1
・2=5V, VEN1=VEN2= P_VDD1・2
*** A_VSS=P_VSS1=P_VSS2=0V
NOTE :
*1:VDF(E)=Detect Voltage
*2:VDR(E)=Release Voltage
*3:”H” is judged as “H”>VIN-0.1V, ”L” is judged as “L”<0.1V
Test Conditions:
* P_VDD1
・2 stands for P_VDD1=P_VDD2
**Unless otherwise stated, P_VDD1
・2=5V, VEN1=VEN2= P_VDD1・2
*** A_VSS=P_VSS1=P_VSS2=0V
NOTE :
*1:”H” is judged “H”>VIN-0.1V, ”L” is judged “L”<0.1V
XC9515AB04xx
●Voltage Detector (VD) (MR pin Pull-up Inside) Block
Ta=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Detect Voltage
VDF(E)
(*1)
VDF(T)
×
0.98
VDF(T)
(*2)
VDF(T)
×
1.02
V
⑤
Hysteresis Width
VHYS
VHYS=(VDR(E)
(*3) - VDF(E) ) / VDF(E) ×100
-
5.0
-
%
-
VD Output Current
IDOUT
P_VDD1・2=VDF-0.01V, Apply 0.5V to VDOUT
5.0
6.6
8.0
mA
④
Delay Resistance
RDLY
-
2.5
-
MΩ
-
MR "H" Level Voltage
VMRH
VDOUT=”H” Level Voltage
(*3)
1.2
-
5.5
V
④
MR "L" Level Voltage
VMRL
VDOUT=”L” Level Voltage
(*3)
AVSS
-
0.4
V
④
MR "H" Level Current
IMRH
P_VDD1・2=VMR=5.5V
-
-
0.1
μ
A
④
MR "L" Level Current
IMRL
P_VDD1・2=5.5V, VMR=0V
-
-6.0
-
μ
A
④
XC9515AB04xx
●Whole Circuit (VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz, EN1・2 Pull-up Inside)
Ta=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Supply Current 1
IDD1
VOUT1=VOUT2=Setting Voltage x 0.9
-
950
1500
μ
A
⑥
Supply Current 2
IDD2
VOUT1=VOUT2=Setting Voltage x 1.1 (Oscillation stops)
-
75
145
μ
A
⑥
Stand-by Current
ISTB
VEN1=VEN2=0V
-
18
33
μ
A
⑥
UVLO Detect Voltage
VUVLOF
VIN voltage which VOUT1=0V and LX pin becomes ”L”
(*1)
2.4
1.8
3.0
V
②
UVLO Release Voltage
VUVLOR
VIN voltage which VOUT1=0V and LX pin becomes ”H”
(*1)
-
-
3.5
V
②
Thermal Shutdown
Temperature
TTSD
-
150
-
oC
-
Thermal Shutdown
Hysteresis Width
THYS
-
20
-
oC
-
■ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com