Electronic Components Datasheet Search
  English  ▼

X  

1469 Datasheet(PDF) 1 Page - Linear Technology

Part # 1469
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1469 Datasheet(HTML) 1 Page - Linear Technology

  1469 Datasheet HTML 1Page - Linear Technology 1469 Datasheet HTML 2Page - Linear Technology 1469 Datasheet HTML 3Page - Linear Technology 1469 Datasheet HTML 4Page - Linear Technology 1469 Datasheet HTML 5Page - Linear Technology 1469 Datasheet HTML 6Page - Linear Technology 1469 Datasheet HTML 7Page - Linear Technology 1469 Datasheet HTML 8Page - Linear Technology 1469 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1469
1
1469fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 90MHz, 22V/µs
16-Bit Accurate Operational Amplifier
The LT®1469 is a dual, precision high speed operational
amplifier with 16-bit accuracy and 900ns settling to 150μV
for 10V steps. This unique blend of precision and AC
performance makes the LT1469 the optimum choice for
high accuracy applications such as DAC current-to-voltage
conversion and ADC buffers. The initial accuracy and drift
characteristics of the input offset voltage and inverting input
bias current are tailored for inverting applications.
The 90MHz gain bandwidth ensures high open-loop gain
at frequency for reducing distortion. In noninverting ap-
plications such as an ADC buffer, the low distortion and
DC accuracy allow full 16-bit AC and DC performance.
The 22V/μs slew rate of the LT1469 improves large signal
performance compared to other precision op amps in
applications such as active filters and instrumentation
amplifiers.
The LT1469 is available in a space saving 4mm × 4mm
leadless package, as well as in small outline and DIP pack-
ages. A single version, the LT1468, is also available.
16-Bit DAC I-to-V Converter and Reference Inverter for Bipolar Output Swing (VOUT = –10V to 10V)
n 90MHz Gain Bandwidth, f = 100kHz
n Maximum Input Offset Voltage: 125μV
n Settling Time: 900ns (AV = –1, 150μV, 10V Step)
n 22V/μs Slew Rate
n Low Distortion: –96.5dB for 100kHz, 10VP-P
n Maximum Input Offset Voltage Drift: 3μV/°C
n Maximum Inverting Input Bias Current: 10nA
n Minimum DC Gain: 300V/mV
n Minimum Output Swing into 2k: ±12.8V
n Unity-Gain Stable
n Input Noise Voltage: 5nV/√Hz
n Input Noise Current: 0.6pA/√Hz
n Total Input Noise Optimized for 1kΩ < RS < 20kΩ
n Specified at ±5V and ±15V Supplies
n Precision Instrumentation
n High Accuracy Data Acquisition Systems
n 16-Bit DAC Current-to-Voltage Converter
n ADC Buffer
n Low Distortion Active Filters
n Photodiode Amplifiers
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Bipolar Multiplying Mode (LTC1597)
Signal-to-(Noise + Distortion)
15pF
2.4μs SETTLING TIME
TO 1LSB ON 20V STEP
RLPF
LTC1597
16 BITS
DAC INPUTS
VREF
1469 TA01
15pF
CLPF
VOUT
–
+
1/2 LT1469
1/2 LT1469
12k
12k
12k
12k
–15V
15V
FREQUENCY (Hz)
90
70
50
40
10
1k
10k
100k
1469 TA01a
110
100
60
80
100
DAC INPUT CODE = ALL ZEROS
VREF = 20VP-P
500kHz FILTER
80kHz FILTER
30kHz
FILTER


Similar Part No. - 1469

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1469 POMONA-1469 Datasheet
34Kb / 1P
Adapter - Binding Post To BNC Male, Four Terminal Isolation
logo
3M Electronics
1469 3M-1469 Datasheet
166Kb / 8P
3M™ Scotch-Weld™ Epoxy Adhesive 1469
Feb-2016
logo
List of Unclassifed Man...
1469-1 ETC2-1469-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1469-1 KEYSTONE-1469-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1469-2 ETC2-1469-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results

Similar Description - 1469

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
Dual 200MHz, 30V/s 16-Bit Accurate
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com