Electronic Components Datasheet Search
  English  ▼

X  

1469 Datasheet(PDF) 5 Page - Linear Technology

Part # 1469
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1469 Datasheet(HTML) 5 Page - Linear Technology

  1469 Datasheet HTML 1Page - Linear Technology 1469 Datasheet HTML 2Page - Linear Technology 1469 Datasheet HTML 3Page - Linear Technology 1469 Datasheet HTML 4Page - Linear Technology 1469 Datasheet HTML 5Page - Linear Technology 1469 Datasheet HTML 6Page - Linear Technology 1469 Datasheet HTML 7Page - Linear Technology 1469 Datasheet HTML 8Page - Linear Technology 1469 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1469
5
1469fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, 0°C ≤ TA ≤ 70°C. VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOUT
Maximum Output Swing
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
±15V
±15V
±5V
±5V
●
●
●
●
±12.9
±12.7
±2.9
±2.7
V
V
V
V
IOUT
Maximum Output Current
VOUT = ±12.5V, 1mV Overdrive
VOUT = ±2.5V, 1mV Overdrive
±15V
±5V
●
●
±12.5
±12.5
mA
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 0.2V Overdrive
(Note 3)
±15V
●
±17
mA
SR
Slew Rate
AV = –10, RL = 2k (Note 6)
±15V
±5V
●
●
13
9
V/μs
V/μs
GBW
Gain Bandwidth Product
f = 100kHz, RL = 2k
±15V
±5V
●
●
55
50
MHz
MHz
Channel Separation
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 2k
±15V
±5V
●
●
98
98
dB
dB
IS
Supply Current
Per Amplifier
±15V
±5V
●
●
6.5
6.3
mA
mA
ΔVOS
Input Offset Voltage Match
S8, DF A-Grade
±15V
±5V
●
●
600
600
μV
μV
ΔIB–
Inverting Input Bias Current Match
±5V to ±15V
●
38
nA
ΔIB+
Noninverting Input Bias Current Match
±5V to ±15V
●
118
nA
ΔCMRR
Common Mode Rejection Match
VCM = ±12.5V (Note 9)
VCM = ±2.5V (Note 9)
±15V
±5V
●
●
91
91
dB
dB
ΔPSRR
Power Supply Rejection Match
VS = ±4.5V to ±15V (Note 9)
●
92
dB
The
l denotes the specifications which apply over the full operating temperature range, –40°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise
noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8, S8 Packages
±15V
±5V
●
●
500
500
μV
μV
LT1469A, DF Package
±15V
±5V
●
●
300
350
μV
μV
LT1469, DF Package
±15V
±5V
●
●
600
600
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 8)
±15V
±5V
●
●
1
1
6
5
μV/°C
μV/°C
IOS
Input Offset Current
±5V to ±15V
●
±120
nA
ΔIOS/ΔT
Input Offset Current Drift
(Note 8)
±5V to ±15V
●
120
pA/°C
IB–
Inverting Input Bias Current
±5V to ±15V
●
±40
nA
ΔIB–/ΔT
Inverting Input Bias Current Drift
(Note 8)
±5V to ±15V
●
80
pA/°C
IB+
Noninverting Input Bias Current
±5V to ±15V
●
±80
nA
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
±15V
±5V
●
●
12.5
2.5
V
V
Input Voltage Range (Negative)
Guaranteed by CMRR
±15V
±5V
●
●
–12.5
–2.5
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com