Electronic Components Datasheet Search
  English  ▼

X  

F71862 Datasheet(PDF) 91 Page - Feature Integration Technology Inc.

Part # F71862
Description  Super Hardware Monitor LPC I/O
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71862 Datasheet(HTML) 91 Page - Feature Integration Technology Inc.

Back Button F71862 Datasheet HTML 87Page - Feature Integration Technology Inc. F71862 Datasheet HTML 88Page - Feature Integration Technology Inc. F71862 Datasheet HTML 89Page - Feature Integration Technology Inc. F71862 Datasheet HTML 90Page - Feature Integration Technology Inc. F71862 Datasheet HTML 91Page - Feature Integration Technology Inc. F71862 Datasheet HTML 92Page - Feature Integration Technology Inc. F71862 Datasheet HTML 93Page - Feature Integration Technology Inc. F71862 Datasheet HTML 94Page - Feature Integration Technology Inc. F71862 Datasheet HTML 95Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
July, 2008
V.28P
91
F71862
GPIO3 Drive Enable Register
 Index C3h
Bit
Name
R/W Default
Description
7-4 Reserved
-
-
Reserved.
3
GPIO33_DRV_EN
R/W
0
0: GPIO33 is open drain in output mode.
1: GPIO33 is push pull in output mode.
2
GPIO32_DRV_EN
R/W
0
0: GPIO32 is open drain in output mode.
1: GPIO32 is push pull in output mode.
1
GPIO31_DRV_EN
R/W
0
0: GPIO31 is open drain in output mode.
1: GPIO31 is push pull in output mode.
0
GPIO30_DRV_EN
R/W
0
0: GPIO30 is open drain in output mode.
1: GPIO30 is push pull in output mode.
8.8.5
GPIO4 Registers
GPIO4 Output Enable Register
 Index B0h
Bit
Name
R/W Default
Description
7-6 Reserved
-
-
Reserved.
5
GPIO45_OE
R/W
0
0: GPIO45 is in input mode.
1: GPIO45 is in output mode.
4
GPIO44_OE
R/W
0
0: GPIO44 is in input mode.
1: GPIO44 is in output mode.
3
GPIO43_OE
R/W
0
0: GPIO43 is in input mode.
1: GPIO43 is in output mode.
2
GPIO42_OE
R/W
0
0: GPIO42 is in input mode.
1: GPIO42 is in output mode.
1
GPIO41_OE
R/W
0
0: GPIO41 is in input mode.
1: GPIO41 is in output mode.
0
GPIO40_OE
R/W
0
0: GPIO40 is in input mode.
1: GPIO40 is in output mode.
GPIO4 Output Data Register
 Index B1h
Bit
Name
R/W Default
Description
7-6 Reserved
-
-
Reserved.
5
GPIO45_VAL
R/W
1
0: GPIO45 outputs 0 when in output mode.
1: GPIO45 outputs 1 when in output mode.
4
GPIO44_VAL
R/W
1
0: GPIO44 outputs 0 when in output mode.
1: GPIO44 outputs 1 when in output mode.
3
GPIO43_VAL
R/W
1
0: GPIO43 outputs 0 when in output mode.
1: GPIO43 outputs 1 when in output mode.
2
GPIO42_VAL
R/W
1
0: GPIO42 outputs 0 when in output mode.
1: GPIO42 outputs 1 when in output mode.
1
GPIO41_VAL
R/W
1
0: GPIO41 outputs 0 when in output mode.
1: GPIO41 outputs 1 when in output mode.
0
GPIO40_VAL
R/W
1
0: GPIO40 outputs 0 when in output mode.
1: GPIO40 outputs 1 when in output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com