Electronic Components Datasheet Search
  English  ▼

X  

F71862 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F71862
Description  Super Hardware Monitor LPC I/O
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71862 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F71862 Datasheet HTML 7Page - Feature Integration Technology Inc. F71862 Datasheet HTML 8Page - Feature Integration Technology Inc. F71862 Datasheet HTML 9Page - Feature Integration Technology Inc. F71862 Datasheet HTML 10Page - Feature Integration Technology Inc. F71862 Datasheet HTML 11Page - Feature Integration Technology Inc. F71862 Datasheet HTML 12Page - Feature Integration Technology Inc. F71862 Datasheet HTML 13Page - Feature Integration Technology Inc. F71862 Datasheet HTML 14Page - Feature Integration Technology Inc. F71862 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
July, 2008
V.28P
11
F71862
10
WDATA#
OD24
VCC
Write data. This logic low open drain writes
pre-compensation serial data to the selected FDD. An
open drain output.
11
DIR#
OD24
VCC
Direction of the head step motor. An open drain output.
Logic 1 = outward motion
Logic 0 = inward motion
12
STEP#
OD24
VCC
Step output pulses. This active low open drain output
produces a pulse to move the head to another track.
13
HDSEL#
OD24
VCC
Head select. This open drain output determines which
disk drive head is active.
Logic 1 = side 0
Logic 0 = side 1
14
WGATE#
OD24
VCC
Write enable. An open drain output.
15
RDATA#
INts5v
VCC
The read data input signal from the FDD.
16
TRK0#
INts5v
VCC
Track 0. This Schmitt-triggered input from the disk
drive is active low when the head is positioned over
the outermost track.
17
INDEX#
INts5v
VCC
This Schmitt-triggered input from the disk drive is
active low when the head is positioned over the
beginning of a track marked by an index hole.
18
WPT#
INts5v
VCC
Write protected. This active low Schmitt input from the
disk drive indicates that the diskette is write-protected.
19
DSKCHG#
INts5v
VCC
Diskette change. This signal is active low at power on
and whenever the diskette is removed.
6.4
UART and SIR
Pin No.
Pin Name
Type
PWR
Description
IRTX
O12
Infrared Transmitter Output.(Default function)
27
GPIO42
I/OOD12t
VCC
General Purpose IO
IRRX
INts
Infrared Receiver input. (Default function)
28
GPIO43
I/OOD12t
VSB
General Purpose IO.
118
DCD1#
INt5v
VCC
Data Carrier Detect. An active low signal indicates the
modem or data set has detected a data carrier.
119
RI1#
INt5v
VCC
Ring Indicator. An active low signal indicates that a ring
signal is being received from the modem or data set.
120
CTS1#
INt5v
VCC
Clear To Send is the modem control input.
DTR1#
O8-u47,5v
UART 1 Data Terminal Ready. An active low signal
informs the modem or data set that controller is ready to
communicate. Internal 47k ohms pulled high and disable
after power on strapping.
121
FAN60_100
INt5v
VCC
Power on strapping pin:
1(Default): (Internal pull high)
Power on fan speed default duty is 60%.(PWM)
0: (External pull down)
Power on fan speed default duty is 100%.(PWM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com