Electronic Components Datasheet Search
  English  ▼

X  

F71862 Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F71862
Description  Super Hardware Monitor LPC I/O
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71862 Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F71862 Datasheet HTML 9Page - Feature Integration Technology Inc. F71862 Datasheet HTML 10Page - Feature Integration Technology Inc. F71862 Datasheet HTML 11Page - Feature Integration Technology Inc. F71862 Datasheet HTML 12Page - Feature Integration Technology Inc. F71862 Datasheet HTML 13Page - Feature Integration Technology Inc. F71862 Datasheet HTML 14Page - Feature Integration Technology Inc. F71862 Datasheet HTML 15Page - Feature Integration Technology Inc. F71862 Datasheet HTML 16Page - Feature Integration Technology Inc. F71862 Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
July, 2008
V.28P
13
F71862
6.5
Parallel Port
Pin No.
Pin Name
Type
PWR
Description
100
SLCT
INts5v
VCC
An active high input on this pin indicates that the
printer is selected. Refer to the description of the
parallel port for definition of this pin in ECP and EPP
mode.
101
PE
INts5v
VCC
An active high input on this pin indicates that the
printer has detected the end of the paper. Refer to the
description of the parallel port for the definition of this
pin in ECP and EPP mode.
102
BUSY
INts5v
VCC
An active high input indicates that the printer is not
ready to receive data. Refer to the description of the
parallel port for definition of this pin in ECP and EPP
mode.
103
ACK#
INts5v
VCC
An active low input on this pin indicates that the printer
has received data and is ready to accept more data.
Refer to the description of the parallel port for the
definition of this pin in ECP and EPP mode.
104
SLIN#
OD12-5v
VCC
Output line for detection of printer selection. Refer to
the description of the parallel port for the definition of
this pin in ECP and EPP mode.
105
INIT#
OD12-5v
VCC
Output line for the printer initialization. Refer to the
description of the parallel port for the definition of this
pin in ECP and EPP mode.
106
ERR#
INts5v
VCC
An active low input on this pin indicates that the printer
has encountered an error condition. Refer to the
description of the parallel port for the definition of this
pin in ECP and EPP mode.
107
AFD#
OD12-5v
VCC
An active low output from this pin causes the printer to
auto feed a line after a line is printed. Refer to the
description of the parallel port for the definition of this
pin in ECP and EPP mode.
108
STB#
OD12-5v
VCC
An active low output is used to latch the parallel data
into the printer. Refer to the description of the parallel
port for the definition of this pin in ECP and EPP mode.
109
PD0
I/O12ts5v
VCC
Parallel port data bus bit 0. Refer to the description of
the parallel port for the definition of this pin in ECP and
EPP mode.
110
PD1
I/O12ts5v
VCC
Parallel port data bus bit 1.
111
PD2
I/O12ts5v
VCC
Parallel port data bus bit 2.
112
PD3
I/O12ts5v
VCC
Parallel port data bus bit 3.
113
PD4
I/O12ts5v
VCC
Parallel port data bus bit 4.
114
PD5
I/O12ts5v
VCC
Parallel port data bus bit 5.
115
PD6
I/O12ts5v
VCC
Parallel port data bus bit 6.
116
PD7
I/O12ts5v
VCC
Parallel port data bus bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com