Electronic Components Datasheet Search
  English  ▼

X  

F75121RG Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F75121RG
Description  Dynamic VID Control 8 GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75121RG Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75121RG Datasheet HTML 5Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 6Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 7Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 8Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 9Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 10Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 11Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 12Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
- 7 -
July, 2007
V0.24P
I2C_ADDR
INtsd100k
The GPIO serial bus hardware power on
setting pin. Default address is 0x9C
(when I2C_ADDR=0).
Another one is
0x6E (when I2C_ADDR=1). This pin
internal pull-down 100k to Ground. If this
pin is pull-up 10k to VSB3V, this pin will
be trapped to 1.
13
SDATA
I/OD12ts
VSB3V
SMbus data.
14
SCLK
INts
VSB3V
SMBus clock
15
RSTOUT#
OD12
VSB3V
System reset signal when the Reset-Out
timer is time out. This pin will generate
100mS pulse when the Reset-Out timer
is timeout.
17
SLOTOCC#
INts
VBAT
Powered by VBAT. CPU detect pin.
24,23,22,21,
20,19
VIDOUT[0:5]
OD16
VSB3V
CPU Voltage ID output.
28
SEL
INtsd100k
VSB3V
Default pull up to 3VSB.
2,27,26,25
GPIO30,GPIO31,
GPIO32,GPIO33
I/OD12ts
VSB3V
General purpose I/O pins.
6. Functional Description
6.1 General Description
The F75121 provides VIDIN, VIDOUT function. It can latch the VIDIN from CPU side, and output VIDOUT to
PWM. The VIDOUT value can be programmed by the interface GPIO Serial Bus serial interface.
Dedicate GPIO functions. That includes two set watchdog timer. The watchdog timer timeout unit is set to second
and range is 0 to 31 seconds. When the timeout has occurred, that will generate a status bit to indicate it and write
one will be clear.
All GPIO can be programmed to logic one or zero or high pulse or low pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com