Electronic Components Datasheet Search
  English  ▼

X  

F75121RG Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75121RG
Description  Dynamic VID Control 8 GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75121RG Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75121RG Datasheet HTML 9Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 10Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 11Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 12Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 13Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 14Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 15Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 16Page - Feature Integration Technology Inc. F75121RG Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
- 11 -
July, 2007
V0.24P
7.2 Status Register – Index 02h
Power-on default [7:0] =0000_000xb
Bit
Name
R/W
PWR
Description
7-4
Reserved
RO
VSB3V
3
POWR_DOWN
RO
VSB3V
If this bit is set to 1, it mean the chip is in power down mode
2
FUNC_SEL
RO
VSB3V
VID and GPIO function select. This is dedicated pin.
if input value is
1(external pull-down 10K), the function is selected to VID. Otherwise, the
input value is 0, the function is selected to GPIO.
1
I2C_ADDR
RO
VSB3V
GPIO serial bus address Select. Internal pull-down 100K ohms are address
0x9C. If external is pull-up 10K ohms, the address is 0x6E. This pin is
trapped during the VSB3VOK.
0
STS_SLOTOCC
R/W
VBAT
Indicate the SLOTOCC# pin value. This pin will be latched till write this bit
to 1. Writing 0 is invalid.
7.3 Configuration and function select Register – Index 03h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
Reserved
RO
VSB3V
6
IRQ_LEVEL
R/W
VSB3V
Select IRQ Polarity (Level). Set to 1, IRQ is low active and SMI# is high
active. Default, the IRQ is high active and SMI# is low active.
5
IRQ_MODE
R/W
VSB3V
IRQ/SMI# mode select. 0 – Level mode (IRQ mode), 1 – Pulse Mode
(SMI# mode). If pulse mode is selected, the active pulse is over 100us.
4-3
PIN12_MODE
R/W
VSB3V
00: GPIO12
01: LED12 IN this mode can use REG 0x06(bit5,4) to select LED
frequency.
10: IRQ
11: RSTOUT1#:
2
PIN11_MODE
R/W
VSB3V
0: GPIO11
1: LED11 IN this mode can use REG 0x06(bit3,2) to select LED
frequency.
1-0
PIN10_MODE
R/W
VSB3V
00: GPIO10
01: LED10 IN this mode can use REG 0x06(bit1,0) to select LED
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com