Electronic Components Datasheet Search
  English  ▼

X  

F75122RG Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F75122RG
Description  Dynamic VID Control 8 GPIO Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75122RG Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75122RG Datasheet HTML 5Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 6Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 7Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 8Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 9Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 10Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 11Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 12Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
- 7 -
July, 2007
V0.28P
Providing CPU on board detection (SLOTOCC#). The detection circuit is powered by battery. That is latch circuit
is powered by VBAT. The de-bounce circuit should be added to avoid low power noise. The de-bounce circuit is
generated by internal low frequency clock with 32K Hz to filter out the low-to-high or high-to-low glitch.
6.2 Access Interface
The F75122 provides one serial access interface, Serial Bus, to read/write internal registers. The address of Serial
Bus is configurable by using power-on trapping of standby power VBS3V. The pin 11 (GPIO11/I2C _ADDR) is
multi-function pin. During the VSB 3V power-on, this pin serves as input detection of logic high or logic low. This pin is
default pull-down resistor with 100K ohms mapping the Serial Bus address 0x9C (1001_1100).
Another Serial Bus
address 0x6E (0110_1110) is set when external pull-up resistor with 10K ohms is connected in this pin.
6.3 The SMBus access timing are shown as follow:
(a) SMBus write to internal address register followed by the data byte
0
Start By
Master
01011
01
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
122R
R/W
Ack
by
122R
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
Stop
by
Master
SCL
SDA (Continued)
78
0
7
8
0
78
Frame 2
Internal Index Register Byte
(Continued)
Frame 3
Data Byte
Frame 1
Serial Bus Address Byte
Figure 1. Serial Bus Write to Internal Address Register followed by the Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com