Electronic Components Datasheet Search
  English  ▼

X  

F75122RG Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75122RG
Description  Dynamic VID Control 8 GPIO Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75122RG Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75122RG Datasheet HTML 17Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 18Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 19Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 20Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 21Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 22Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 23Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 24Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
- 19 -
July, 2007
V0.28P
7.39 VID Input Latch Register – Index 33h
Power-on default [7:0] =000x_xxxxb
Bit
Name
R/W
PWR
Description
7-6
Reserved
RO
--
Reserved, read return 0.
5-0
LVIDIN
RO
VSB3V
VIDIN data.
7.40 RSTOUT Control Register – Index 34h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-3
Reserved
RO
2
SEL_RST_2S
R/W
VSB3V
When set this bit to 1, the RSTOUT low pulse width is 2 Sec, if set to
0 the low pulse width is 100ms.
1
RSTOUT_OINV
R/W
VSB3V
RSTOUT# output level inverting. When write 1, the output pin will be
inverted. Default is low active when time is out.
0
STS_RSTOUT
R/W
VSB3V
Indicate RSTOUT is occurred. Write 1 to clear this bit. Writing 0 is
invalid.
7.41 RSTOUT Control Register – Index 35h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
RST_ENABLE
R/W
VSB3V
Enable RESET Output Timer. If set to 1, the RSTOUT timer will be
started. When RSTOUT# is asserted, low pulse is occurred, the VID
will re-latched and disable EN_VIDOUT. The status of Reset Out is
stored in CR02.b1.
6-0
WD1_PTIME
R/W
VSB3V
RSTOUT Pre-counter time in second.
000_0000b – 0 second (Default)
000_0001b – 1 second
000_0010b – 2 seconds
:
111_1111b – 127 seconds
Reset Out timing is shown as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com